công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PI13050-8R2M bảng dữ liệu(PDF) 2 Page - FENGJUI TECHNOLOGY CO., LTD.

tên linh kiện PI13050-8R2M
Giải thích chi tiết về linh kiện  HIGH CURRENT INDUCTOR-RoHS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Trang chủ  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

PI13050-8R2M bảng dữ liệu(HTML) 2 Page - FENGJUI TECHNOLOGY CO., LTD.

  PI13050-8R2M Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. PI13050-8R2M Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD. PI13050-8R2M Datasheet HTML 3Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FENG-JUI TECHNOLOGY CO., LTD
HIGH CURRENT INDUCTOR-RoHS
Your Perfect Inductor
Rev.1502
Note1. Measurement frequency of Inductance value : at 100KHz
, 0.25V
Note2. Measurement ambient temperature of L, DCR and IDC : at 25℃
Note3. Isat: DC current at which the inductance drops 20%(typ) from its value without current
Note4. Irms: Average current for 40℃ temperature rise from 25℃ ambient(typical)
Note5. Inductance tolerance: M: ±20%
Note6. Packaging: Taping ; Quantity:
250 Piece/reel
Note7. D Dimension range: R10~2R2, D=4.0±0.5mm;3R3~100M, D=4.7±0.3 mm



Html Pages

1 2 3