| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
N32905U3DN bảng dữ liệu(PDF) 24 Page - Nuvoton Technology Corporation |
|
|
|||||||||||||||||||||||||||||
N32905U3DN bảng dữ liệu(HTML) 24 Page - Nuvoton Technology Corporation |
|
24 / 34 page ![]() N3291xUxDN Data Sheet - 24 - Nuvoton Technology Corp. Release Date: Jun. 2013 http://www.nuvoton.com/ Revision A3 PIN NAME I/O TYPE DESCRIPTION PGC_VREF I PGC Voltage Reference I2S_MCLK O I2S Master Clock GPH[0] IO GPIO Port H bit 0 ADC_AIN[3] I ADC Analog Input Channel 3 ADC_AIN[2] I ADC Analog Input Channel 2 ADC_AIN[1] I ADC Analog Input Channel 1 MIC_N I Microphone Negative Input I2S_DI I I2S Serial Data Input GPG[9] I GPIO Port G bit 9 ADC_AIN[0] I ADC Analog Input Channel 0 MIC_P I Microphone Positive Input I2S_WS O I2S Interface Word Select, Output GPG[10] IO GPIO Port G bit 10 ADC_TP_YP I Touch Panel YP SPI1_CLK O SPI Port 1 Serial Clock ISCK IO I2C Serial Clock GPG[12] IO GPIO Port G bit 12 ADC_TP_XP I Touch Panel XP SPI1_CS0_ O SPI Port 1 Chip Select GPG[13] IO GPIO Port G bit 13 ADC_TP_XM I Touch Panel XM SPI1_DI I SPI Port 1 Serial Data Input GPG[14] IO GPIO Port G bit 14 ADC_TP_YM I Touch Panel YM SPI1_DO O SPI Port 1 Serial Data Output ISDA IO I2C Serial Data GPG[15] IO GPIO Port G bit 15 Audio DAC |