| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MBRS10150CT bảng dữ liệu(PDF) 1 Page - Inchange Semiconductor Company Limited |
|
|
|||||||||||||||||||||||||||||
MBRS10150CT bảng dữ liệu(HTML) 1 Page - Inchange Semiconductor Company Limited |
|
1 / 2 page ![]() INCHANGE Semiconductor isc website:www.iscsemi.com isc & iscsemi is registered trademark 1 Schottky Barrier Rectifier MBRS10150CT FEATURES · With TO-263 packaging · High junction temperature capability · Low forward voltage drop · High current capability · Low power loss, high efficiency · Minimum Lot-to-Lot variations for robust device performance and reliable operation APPLICATIONS · Switching power supply · Free-Wheeling diodes · Reverse battery protection · Center tap configuration ABSOLUTE MAXIMUM RATINGS(Ta=25℃) SYMBOL PARAMETER VALUE UNI T VRRM VRWM VR Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage 150 V IF(AV) Average Rectified Forward Current@Tc=136℃ 10 A IFSM Nonrepetitive Peak Surge Current ( 8.3ms single half sine-wave superimposed on rated load conditions) 120 A TJ Junction Temperature 150 ℃ Tstg Storage Temperature Range -65~175 ℃ |
Số phần tương tự - MBRS10150CT |
|
Mô tả tương tự - MBRS10150CT |