công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SIF4N60D bảng dữ liệu(PDF) 2 Page - Shenzhen SI Semiconductors Co.,LTD.

tên linh kiện SIF4N60D
Giải thích chi tiết về linh kiện  N-CHANNEL POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SISEMIC [Shenzhen SI Semiconductors Co.,LTD.]
Trang chủ  http://www.sisemi.com.cn/en_index.aspx
Logo SISEMIC - Shenzhen SI Semiconductors Co.,LTD.

SIF4N60D bảng dữ liệu(HTML) 2 Page - Shenzhen SI Semiconductors Co.,LTD.

  SIF4N60D Datasheet HTML 1Page - Shenzhen SI Semiconductors Co.,LTD. SIF4N60D Datasheet HTML 2Page - Shenzhen SI Semiconductors Co.,LTD. SIF4N60D Datasheet HTML 3Page - Shenzhen SI Semiconductors Co.,LTD. SIF4N60D Datasheet HTML 4Page - Shenzhen SI Semiconductors Co.,LTD. SIF4N60D Datasheet HTML 5Page - Shenzhen SI Semiconductors Co.,LTD. SIF4N60D Datasheet HTML 6Page - Shenzhen SI Semiconductors Co.,LTD. SIF4N60D Datasheet HTML 7Page - Shenzhen SI Semiconductors Co.,LTD. SIF4N60D Datasheet HTML 8Page - Shenzhen SI Semiconductors Co.,LTD. SIF4N60D Datasheet HTML 9Page - Shenzhen SI Semiconductors Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
深圳深爱半导体股份有限公司
产品规格书
Shenzhen
Shenzhen
Shenzhen
Shenzhen SI
SI
SI
SI Semiconductors
Semiconductors
Semiconductors
Semiconductors Co.,
Co.,
Co.,
Co., LTD.
LTD.
LTD.
LTD.
Product
Product
Product
Product Specification
Specification
Specification
Specification
Si
Si
Si
Si semiconductors
semiconductors
semiconductors
semiconductors
20
20
20
2016.3
16.3
16.3
16.3
2
N-
N-
N-
N-沟道功率 MOS
MOS
MOS
MOS 管//// N-C
N-C
N-C
N-CHANNEL
HANNEL
HANNEL
HANNEL POWER
POWER
POWER
POWER MOSFET
MOSFET
MOSFET
MOSFET
SIF
SIF
SIF
SIF4N60D
4N60D
4N60D
4N60D
参数
PARAMETER
PARAMETER
PARAMETER
PARAMETER
符号
SYMBOL
SYMBOL
SYMBOL
SYMBOL
测试条件
TEST
TEST
TEST
TEST CONDITION
CONDITION
CONDITION
CONDITION
最小值
MIN
MIN
MIN
MIN
典型值
TYP
TYP
TYP
TYP
最大值
MAX
MAX
MAX
MAX
单位
UNIT
UNIT
UNIT
UNIT
栅极漏电流
Gate-body Leakage
Current (VDS = 0)
IGSS
VGS =±30V
±100
nA
漏-源导通电阻
Static Drain-source On
Resistance
RDS(ON)
VGS =10V, ID=2.0A
③
③
③
③
2.00
2.5
Ω
输入电容
Input Capacitance
Ciss
VGS = 0V, VDS = 25V
F = 1.0MHZ
560
pF
输出电容
Output Capacitance
Coss
45
反向传输电容
Reverse transfer Capacitance
Crss
17
关断延迟
Turn -Off Delay Time
Td(off)
VDD=300V, ID =4.0A
RG=25Ω
③
③
③
③
61
ns
开启延迟时间
Turn-on delay time
Td(on)
24
开启上升时间
Rise time
Tr
28
关断下降时间
Fall time
Tf
200
栅极电荷
Total Gate Charge
Qg
ID =4.0A, VDS = 480V
VGS = 10V
③
③
③
③
13.3
nC
栅源电荷
Gate-to-Source Charge
Qgs
3.0
栅极开启电荷量
Gate charge at threshold
Qg(th)
0.8
栅漏电荷
Gate-to-Drain Charge
Qgd
4.8
二极管正向电流
Continuous Diode Forward
Current
IS
4.0
A
二极管正向压降
Diode Forward Voltage
VSD
Tj=25°C, Is=4.0A
VGS =0V
③
③
③
③
1.4
V
反向恢复时间
Reverse Recovery Time
trr
Tj=25°C, If=4.0A
di/dt=100A/μs
③
③
③
③
390
ns
反向恢复电荷
Reverse Recovery Charge
Qrr
1.5
uC
输入阻抗
Gate resistance
RG
7
Ω
●热特性
●Thermal
Thermal
Thermal
Thermal Characteristics
Characteristics
Characteristics
Characteristics
参数
PARAMETER
PARAMETER
PARAMETER
PARAMETER
符号
SYMBOL
SYMBOL
SYMBOL
SYMBOL
最大值
MAX
MAX
MAX
MAX
单位
UNIT
UNIT
UNIT
UNIT
TO-220
TO-220
TO-220
TO-220
TO-220FP
TO-220FP
TO-220FP
TO-220FP
TO-262/263
TO-262/263
TO-262/263
TO-262/263
热阻结-壳
Thermal Resistance Junction-case
RthJC
1.20
3.47
1.20
℃/W
热阻结-环境
Thermal Resistance Junction-ambient
RthJA
62.5
62.5
62.5
℃/W
注释((((Notes
Notes
Notes
Notes))))::::
①
①
①
① 脉冲宽度:以最高结温为限制
Repetitive rating: Pulse width limited by maximum junction temperature
②
②
②
② 初始结温=25oC, VDD =50V, L=25mH, RG =25Ω, IAS=4.0A
Starting Tj=25oC, VDD =50V, L=25mH, RG =25Ω, IAS=4.0A
③
③
③
③ 脉冲测试:脉冲宽度≤ 300μs ,占空比≤ 2 % L=500uH
Pulse Test : Pulse width ≤ 300μs, Duty cycle ≤ 2%



Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com