| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TOP222YNTL bảng dữ liệu(PDF) 9 Page - Power Integrations, Inc. |
|
|
|||||||||||||||||||||||||||||
TOP222YNTL bảng dữ liệu(HTML) 9 Page - Power Integrations, Inc. |
|
9 / 20 page ![]() Rev. G 08/16 9 TOP221-227 www.power.com Figure 9. Recommended TOPSwitch Layout. D S C CONTROL SOURCE SOURCE DRAIN TOP VIEW DIP-8/SMD-8 PACKAGE TO-220 PACKAGE TOP VIEW Design Tools The following tools available from Power Integrations greatly simplify TOPSwitch based power supply design. • Data Book and Design Guide includes extensive application information • Excel Spreadsheets for Transformer Design - Use of this tool is strongly recommended for all TOPSwitch designs. • Reference design boards – Production viable designs that are assembled and tested. All data sheets, application literature and up-to-date versions of the Transformer Design Spreadsheets can be downloaded from our Web site at www.power.com. A diskette of the Transformer Design Spreadsheets may also be obtained by sending in the completed form provided at the end of this data sheet. |