| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NUC505-YO2Y bảng dữ liệu(PDF) 117 Page - Nuvoton Technology Corporation |
|
|
|||||||||||||||||||||||||||||
NUC505-YO2Y bảng dữ liệu(HTML) 117 Page - Nuvoton Technology Corporation |
|
117 / 130 page ![]() NUC505 July. 26, 2018 Page 117 of 130 Rev.1.08 USB Full-Speed Driver Electrical Characteristics 7.4.6.2 Symbol Parameter Conditions Min. Typ Max. Unit TFR Rising time CL = 50p 4 - 20 ns TFF Falling time CL = 50p 4 - 20 ns TFRFF Rising and falling time matching TFRFF = TFR / TFF 90 - 111.11 % USB High-Speed Driver Electrical Characteristics 7.4.6.3 Symbol Parameter Conditions Min. Typ Max. Unit TFR Rising time CL = 5p 500 ns TFF Falling time CL = 5p 500 ns TFRFF Rising and falling time matching TFRFF = TFR / TFF 90 111 % |