| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NUC505-YO2Y bảng dữ liệu(PDF) 65 Page - Nuvoton Technology Corporation |
|
|
|||||||||||||||||||||||||||||
NUC505-YO2Y bảng dữ liệu(HTML) 65 Page - Nuvoton Technology Corporation |
|
65 / 130 page ![]() NUC505 July. 26, 2018 Page 65 of 130 Rev.1.08 Group Pin Name GPIO MFP* Type Description I2S_DO PA.4 MFP2 O I 2S data output. I2S_DO PC.10 MFP1 O I 2S data output. I2S_DI PA.3 MFP2 I I 2S data input. I2S_DI PC.9 MFP1 I I 2S data input. ICE ICE_CLK PD.0 MFP0 I Serial wired debugger clock pin ICE_DAT PD.1 MFP0 I/O Serial wired debugger data pin PWM PWM_CH0 PB.10 MFP4 I/O PWM output/capture input. PWM_CH0 PC.9 MFP3 I/O PWM output/capture input. PWM_CH1 PB.11 MFP4 I/O PWM output/capture input. PWM_CH1 PC.10 MFP3 I/O PWM output/capture input. PWM_CH2 PB.12 MFP4 I/O PWM output/capture input. PWM_CH2 PC.11 MFP3 I/O PWM output/capture input. PWM_CH3 PB.13 MFP4 I/O PWM output/capture input. PWM_CH3 PC.12 MFP3 I/O PWM output/capture input. SPIM SPIM_SS PA.8 MFP1 O SPIM slave select pin. SPIM_CLK PA.9 MFP1 O SPIM serial clock pin. SPIM_MOSI PA.10 MFP1 I/O SPIM MOSI (Master Out, Slave In) pin. SPIM_MISO PA.11 MFP1 I/O SPIM MISO (Master In, Slave Out) pin. SPIM_D2 PA.12 MFP1 I/O SPIM data-2 bit in quad mode. SPIM_D3 PA.13 MFP1 I/O SPIM data-3 bit in quad mode. SPI0 SPI0_SS PB.2 MFP1 O SPI0 slave select pin. SPI0_CLK PB.3 MFP1 O SPI0 serial clock pin. SPI0_MOSI PB.4 MFP1 I/O SPI0 MOSI (Master Out, Slave In) pin. SPI0_MISO PB.5 MFP1 I/O SPI0 MISO (Master In, Slave Out) pin. SPI1 SPI1_SS PB.10 MFP1 O SPI1 slave select pin. SPI1_CLK PB.11 MFP1 O SPI1 serial clock pin. SPI1_MOSI PB.12 MFP1 I/O SPI1 MOSI (Master Out, Slave In) pin. SPI1_MISO PB.13 MFP1 I/O SPI1 MISO (Master In, Slave Out) pin. Timer TM0_CNT_OUT PA.12 MFP2 I/O Timer0 event counter input / toggle output. TM0_EXT PA.13 MFP2 I Timer0 external counter input TM1_CNT_OUT PB.8 MFP2 I/O Timer1 event counter input / toggle output. TM1_EXT PB.9 MFP2 I Timer1 external counter input TM2_CNT_OUT PC.9 MFP2 I/O Timer2 event counter input / toggle output. |