công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MT7941 bảng dữ liệu(PDF) 1 Page - Maxic Technology Corporation

tên linh kiện MT7941
Giải thích chi tiết về linh kiện  High Precision, Dual Winding PSR AC-DC LED Driver
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXIC [Maxic Technology Corporation]
Trang chủ  http://www.maxictech.com/
Logo MAXIC - Maxic Technology Corporation

MT7941 bảng dữ liệu(HTML) 1 Page - Maxic Technology Corporation

  MT7941 Datasheet HTML 1Page - Maxic Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MT7941
High Precision, Dual Winding PSR AC-DC LED Driver
Email: sales@maxictech.com
www.maxictech.com
Rev. 1.05
Tel: 86-10-62662828
Copyright © 2017 Maxic Technology Corporation
Page 1
DESCRIPTION
MT7941 is a high precision primary-side
feedback and regulation controller for LED
lighting. It regulates precisely LED current in
isolated lighting applications. MT7941 works
under Discontinuous Conduction Mode (DCM). It
simplifies LED lighting system by eliminating the
secondary sense, the auxiliary winding and
feedback circuit. Integrated with 650V power
switch,
the
adjustable
LED
open-circuit
protection (OVP) function simplifies the system
design and improves the reliability.
With Maxic’s proprietary current regulation and
internal compensation technique, the MT7941
achieves ±3% accuracy of LED current along
with excellent line regulation and load regulation.
It is also non-sensitive to the inductance of the
transformer.
MT7941 provides various protection features to
improve the system reliability, including over
current protection (OCP), short circuit protection
(SCP), over voltage protection (OVP) and over
temperature regulation (OTR), etc.
FEATURES
Internal 650V power MOSFET
No auxiliary winding
Supporting 85V to 265V AC line voltage
range
Primary side sensing and regulation, no
secondary side feedback
High precision constant LED current (±3%)
Adjustable LED open-circuit voltage
protection threshold
LED short circuit protection
Cycle-by-cycle peak current control
VDD under voltage lock-out protection
Over temperature regulation (OTR)
Freewheeling diode Open/short-circuit
protection
Available in SOP7 package
APPLICATION
LED bulb, spotlight
LED lighting application
General purpose constant current source
Typical Application Circuit


Số phần tương tự - MT7941

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Maxic Technology Corpor...
MT7942 MAXIC-MT7942 Datasheet
156Kb / 1P
High Precision, Dual Winding PSR AC-DC LED Driver
MT7943 MAXIC-MT7943 Datasheet
156Kb / 1P
High Precision, Dual Winding PSR AC-DC LED Driver
MT7944D MAXIC-MT7944D Datasheet
154Kb / 1P
High Precision, Dual Winding PSR AC-DC LED Driver
MT7946 MAXIC-MT7946 Datasheet
154Kb / 1P
High Precision, Dual Winding PSR AC-DC LED Driver
More results

Mô tả tương tự - MT7941

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
WS3240 ETC2-WS3240 Datasheet
603Kb / 8P
High Precision PSR LED Constant Current Driver
WS9224 ETC2-WS9224 Datasheet
552Kb / 7P
High Precision PSR Constant Current LED Driver
WS9226 ETC2-WS9226 Datasheet
553Kb / 8P
High Precision PSR Constant Current LED Driver
logo
Shenzhen Winsemi Microe...
WS9254 WINSEMI-WS9254 Datasheet
598Kb / 8P
High Precision PSR Constant Current LED Driver
WS3241 WINSEMI-WS3241 Datasheet
604Kb / 8P
High Precision PSR LED Constant Current Driver
logo
Bright Power Semiconduc...
BP3125 BPS-BP3125 Datasheet
400Kb / 10P
High Precision PSR Constant Current LED Driver
logo
Maxic Technology Corpor...
MT7942 MAXIC-MT7942 Datasheet
156Kb / 1P
High Precision, Dual Winding PSR AC-DC LED Driver
MT7943 MAXIC-MT7943 Datasheet
156Kb / 1P
High Precision, Dual Winding PSR AC-DC LED Driver
MT7944D MAXIC-MT7944D Datasheet
154Kb / 1P
High Precision, Dual Winding PSR AC-DC LED Driver
MT7946 MAXIC-MT7946 Datasheet
154Kb / 1P
High Precision, Dual Winding PSR AC-DC LED Driver
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com