| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FS501F bảng dữ liệu(PDF) 26 Page - Fortune Semiconductor Corp. |
|
|
|||||||||||||||||||||||||||||
FS501F bảng dữ liệu(HTML) 26 Page - Fortune Semiconductor Corp. |
|
26 / 31 page ![]() The Conversion of the Digital Codes and Equivalent Voltage The output of the FS501 ADC is SUM1<23:0>, which is a 24-bit 2’s complement number. SUM1<23> is the sign bit; 0 represents a positive number, and 1 represents a negative number. The decimal point lies in between SUM1<22> and SUM1<21>. If SUM1<23:0>=0010_1000_0000_0000_0000_0000, the equivalent floating point number is: Equation 7 625 . 0 125 . 0 5 . 0 2 0 ...... 2 0 2 0 2 1 2 0 2 1 0000 _ 0000 _ 0000 _ 0000 _ 1000 _ 10 . 00 22 5 4 3 2 1 SUM1 If SUM1<23:0>=1101_1111_1111_1111_1111_1111, the equivalent floating point number is: 5000002384 . 0 2 1 ...... 2 0 2 0 2 0 2 1 ( ) 0001 _ 0000 _ 0000 _ 0000 _ 0000 _ 10 . 00 ( 1111 _ 1111 _ 1111 _ 1111 _ 1111 _ 01 . 11 22 4 3 2 1 SUM1 From Equation 1, if gain ' G equals 1 and reference voltage ref V =1.00000V, the value of SUM1, 0010_1000_0000_0000_0000_0000, can be used to calculate the measured voltage as: V 62500 . 0 625 . 0 1 V 00000 . 1 ' x ref x D G V v 。 If SUM1=1101_1111_1111_1111_1111_1111, the measured voltage can be calculated: V 50000 . 0 5000002384 . 0 1 V 00000 . 1 ' x ref x D G V v 。 However, due to the manufacture process drift ' G is not exactly equal to 1, and there will be around % 1 offset. Similarly the reference voltage source and resistors may affect the reference voltage ref V , and make ref V not to be exact 1.00000V. Therefore, we have to calibrate the ADC. Other Control Setting ENAD(ADG<7>) is the enable control signal for the ADC. It is 1 to enable the ADC; it is 0 to turn off the ADC and can save power. CPVR(ADG<6>) is the enhancement mode for resistance measuring. It is set to 1 to improve the linearity when measuring resistance. |