công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MBSP-2C bảng dữ liệu(PDF) 2 Page - Pentair plc. All rights reserved.

tên linh kiện MBSP-2C
Giải thích chi tiết về linh kiện  Battery Backup System
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PENTAIR [Pentair plc. All rights reserved.]
Trang chủ  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

MBSP-2C bảng dữ liệu(HTML) 2 Page - Pentair plc. All rights reserved.

  MBSP-2C Datasheet HTML 1Page - Pentair plc. All rights reserved. MBSP-2C Datasheet HTML 2Page - Pentair plc. All rights reserved. MBSP-2C Datasheet HTML 3Page - Pentair plc. All rights reserved. MBSP-2C Datasheet HTML 4Page - Pentair plc. All rights reserved. MBSP-2C Datasheet HTML 5Page - Pentair plc. All rights reserved. MBSP-2C Datasheet HTML 6Page - Pentair plc. All rights reserved. MBSP-2C Datasheet HTML 7Page - Pentair plc. All rights reserved. MBSP-2C Datasheet HTML 8Page - Pentair plc. All rights reserved. MBSP-2C Datasheet HTML 9Page - Pentair plc. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
Safety
2
Important Safety Instructions
SAVE THESE INSTRUCTIONS - This manual contains
important instructions that should be followed during
installation, operation, and maintenance of the product.
This is the safety alert symbol. When you see this
symbol on your pump or in this manual, look for one of
the following signal words and be alert to the potential
for personal injury!
indicates a hazard which, if not avoided,
will result in death or serious injury.
indicates a hazard which, if not avoided,
can result in death or serious injury.
indicates a hazard which, if not avoided,
can or may result in minor or moderate injury.
NOTICE addresses practices not related to personal injury.
Carefully read and follow all safety instructions in this
manual and on pumps.
Keep safety labels in good condition. Replace missing or
damaged safety labels.
Battery acid is corrosive. Do not spill on
skin, clothing, or battery charger. Wear eye and head
protection when working with battery. Connect and
disconnect DC output terminals only after removing the
charger from the AC outlet. Never allow the DC
terminals to touch each other.
Hazardous Voltage. Can cause severe or
fatal electrical shock. Do not plug in or unplug battery
charger while standing on a wet floor or in water. Be
sure one hand is free when plugging in or unplugging
charger. If basement floor is wet, disconnect power to
basement before walking on floor. If shut-off box is in
basement, call electric company or hydro authority to
shut-off service to house, or call your local fire
department for instructions. Remove pump and repair or
replace. Failure to follow this warning can result in fatal
electrical shock.
Risk of flooding. Do not run pump dry. To
do so will damage seals and can cause leaking and
property damage.
Risk of electrical shock. Do not lift the
pump by the electrical cord; lift pump only by the
discharge pipe, lifting ring or handle on the pump. Lifting
by the cord can damage the cord.
California Proposition 65 Warning
This product and related accessories contain
chemicals known to the State of California to cause
cancer, birth defects or other reproductive harm.
1. Know the pump application, limitations, and potential
hazards.
2. Do not use in water with fish present. If any oil leaks
out of the motor it can kill fish.
NOTICE This unit is not designed as a waterfall or
fountain pump, or for applications involving salt water
or brine! Use with waterfalls, fountains, salt water or
brine will void warranty.
3. Disconnect power before servicing.
4. Drain all water from system before servicing.
5. Secure discharge line before starting pump. An
unsecured discharge line will whip, possibly causing
personal injury and/or property damage.
6. Check hoses for weak or worn condition before each
use, making certain that all connections are secure.
7. Periodically inspect sump, pump and system
components. Keep free of debris and foreign objects.
Perform routine maintenance as required.
8. Provide means of pressure relief for pumps whose
discharge line can be shut-off or obstructed. Release all
pressure within system before servicing any component.
9. Personal Safety:
a. Wear safety glasses at all times when working
with pumps.
b. Keep work area clean, uncluttered and
properly lighted – replace all unused tools and
equipment.
c. Keep visitors at a safe distance from work area.
d. Make workshop child-proof – with padlocks,
master switches, and by removing starter keys.
10. Follow local and/or national plumbing and electrical
codes when installing the system. A ground fault
circuit interrupter (GFCI) is recommended for use on
any electrical appliance submerged in water.
11. All wiring should be performed by a qualified
electrician.
12. This equipment is only for use on 115 volt
(single phase) and is equipped with an approved
3-conductor cord and 3-prong, grounding-type plug.
13. Where a 2-prong wall receptacle is encountered, it
must be replaced with properly grounded 3-prong
receptacle installed in accordance with codes and
ordinances that apply.
14. Make certain power source conforms to requirements of
your equipment.
15. Protect electrical cord from sharp objects, hot surfaces,
oil, and chemicals. Avoid kinking cord. Replace or
repair damaged or worn cords immediately.
16. Do not touch an operating motor. Modern motors can
operate at high temperatures.
17. Pump clear water only with this pump.
18. Pump is permanently lubricated at the factory. Do
not try to lubricate it!
19. This pump is designed for use in a residential sump
only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42