| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TD9516 bảng dữ liệu(PDF) 3 Page - TECHCODE SEMICONDUCTOR, INC. |
|
|
|||||||||||||||||||||||||||||
TD9516 bảng dữ liệu(HTML) 3 Page - TECHCODE SEMICONDUCTOR, INC. |
|
3 / 16 page ![]() October, 20, 2011. Techcode Semiconductor Limited www.techcodesemi.com 3 Techcode® USB Power-Distribution Switches TD9516/TD9517/TD9518/TD9519 DATASHEET Functional Block Diagram Absolute Maximum Ratings Symbol Parameter Rating Unit VIN VIN Input Voltage (VIN to GND) -0.3 ~ 7 V VOUT VOUT to GND Voltage -0.3 ~ 7 V VENB, VEN EN, ENB to GND Voltage -0.3 ~ 7 V VOCB OCB to GND Voltage -0.3 ~ 7 V TJ Maximum Junction Temperature 150 o C TSTG Storage Temperature -65 ~ 150 o C TSDR Maximum Soldering Temperature, 10 Seconds 260 o C Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. |