| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
255 bảng dữ liệu(PDF) 13 Page - Pentair plc. All rights reserved. |
|
|
|||||||||||||||||||||||||||||
255 bảng dữ liệu(HTML) 13 Page - Pentair plc. All rights reserved. |
|
13 / 20 page ![]() Item No. QtY Part No. Description 1 ..............1 ...............................440i Assembly (obsolete) 2 ..............1 ...............................460i/460TC Assembly 3 ..............1 ...............................Transformer: ....... 1000810 ..........Japanese ....... 1000811 ..........North American ....... 1000812 ..........Australian ....... 1000813 ..........british ....... 1000814 ..........European * ..............1 ...... 1030234 ..........Transformer Extension Cord 15 foot (4.5 m) * ..............1 ...... 1007776 ..........Jumper Meter Adapter 4 ..............1 ...... 1032350 ..........kit, Meter Adapter 5 ..............1 ...... 1032351 ..........Meter Install kit Piping Boss 6 ..............1 ...............................Piping boss kit (includes hardware): ....... 3023763 ..........3/4-inch NPT, S.S. 3/8-inch NPT Drain ....... 3023749 ..........1-inch NPT, S.S. 1/2-inch NPT Drain ....... 3023761 ..........3/4-inch bSPT, S.S. 3/8-inch bSPT Drain ....... 3023747 ..........1-inch bSPT, S.S. 1/2-inch bSPT Drain ....... 1040279 ..........3/4-inch NPT, Noryl 1/2-inch NPT Drain ....... 1040280 ..........1-inch NPT, Noryl 1/2-inch NPT Drain ....... 1040283 ..........3/4-inch bSPT, Noryl 1/2- inch bSPT Drain ....... 1040284 ..........1-inch bSPT, Noryl 1/2-inch bSPT Drain 7 ..............1 ...... 1040339 ..........Piping boss installation kit Bypass Valve 8 ..............1 ...... 1040769 ..........bypass body Assembly with Install kit 9 ..............1 ...... 1040524 ..........bypass Installation kit tube Adapter Kits * ..............1 ...... 1001606 ..........3/4-inch Copper Tube Adapter kit * ..............1 ...... 1001670 ..........1-inch Copper Tube Adapter kit * ..............1 ...... 1041210 ..........1-1/4 inch Copper Tube Adapter kit * ..............1 ...... 1040547 ..........90 degree Elbow Adapter kit * ..............1 ...... 1001608 ..........22 mm Copper Tube Adapter kit * ..............1 ...... 1001613 ..........3/4-inch CPVC Tube Adapter kit * ..............1 ...... 1001614 ..........1-inch CPVC Tube Adapter kit * ..............1 ...... 1001615 ..........25 mm CPVC Tube Adapter kit * ..............1 ...... 1001769 ..........3/4-inch NPT Plastic Pipe Adapter kit * ..............1 ...... 1001603 ..........1-inch NPT Plastic Pipe Adapter kit * ..............1 ...... 1001604 ..........3/4-inch bSPT Plastic Pipe Adapter kit * ..............1 ...... 1001605 ..........1-inch bSPT Plastic Pipe Adapter kit * ..............1 ...... 3023824 ..........3/4-inch bSPT S.S. Pipe Adapter kit * ..............1 ...... 3023828 ..........1-inch NPT S.S. Pipe Adapter kit * ..............1 ...... 3023807 ..........1-inch bSPT S.S. Pipe Adapter kit *Not Shown Item No. QtY Part No. Description 255 SErIES continued Autotrol® 255 Valve/400 Series Service Manual • 13 |