| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FS319 bảng dữ liệu(PDF) 9 Page - Feeling Technology Corp. |
|
|
|||||||||||||||||||||||||||||
FS319 bảng dữ liệu(HTML) 9 Page - Feeling Technology Corp. |
|
9 / 13 page ![]() Technology FS319 Rev0.3 Dec.29, 2005(LF) P 9/FS319 H-BRIDGE TRANSISTOR OUTPUT The Fig 6 is the circuit diagram of H-bridge transistors. The single-phase motor rotation depends on a switching current of coil L1. When the magnetic pole is N pole, Q2, Q3, Q5 is turn-off and Q1, Q4, Q6 is turn-on, L1 has a current from SO to NO. And when the magnetic pole is S pole, Q1, Q4, Q6 is turn-off and Q2, Q3 is turn-on, L1 has a current from NO to SO. VCC L1 Q1 Q2 Q3 Q4 Q5 Q6 NO SO GND DPNO DPSO PNO PSO Fig 6 H-Bridge Transistors Output |