công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M032FC3AE bảng dữ liệu(PDF) 75 Page - Nuvoton Technology Corporation

tên linh kiện M032FC3AE
Giải thích chi tiết về linh kiện  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NUVOTON [Nuvoton Technology Corporation]
Trang chủ  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M032FC3AE bảng dữ liệu(HTML) 75 Page - Nuvoton Technology Corporation

Back Button M032FC3AE Datasheet HTML 71Page - Nuvoton Technology Corporation M032FC3AE Datasheet HTML 72Page - Nuvoton Technology Corporation M032FC3AE Datasheet HTML 73Page - Nuvoton Technology Corporation M032FC3AE Datasheet HTML 74Page - Nuvoton Technology Corporation M032FC3AE Datasheet HTML 75Page - Nuvoton Technology Corporation M032FC3AE Datasheet HTML 76Page - Nuvoton Technology Corporation M032FC3AE Datasheet HTML 77Page - Nuvoton Technology Corporation M032FC3AE Datasheet HTML 78Page - Nuvoton Technology Corporation M032FC3AE Datasheet HTML 79Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 274 page
background image
M031/M032
Feb 25, 2019
Page 75 of 274
Rev. 1.01
6
FUNCTIONAL DESCRIPTION
6.1 Arm
® Cortex® -M0 Core
The Cortex
® -M0 processor is a configurable, multistage, 32-bit RISC processor, which has an
AMBA AHB-Lite interface and includes an NVIC component. It also has optional hardware debug
functionality. The processor can execute Thumb code and is compatible with other Cortex
® -M
profile processor. The profile supports two modes -Thread mode and Handler mode. Handler
mode is entered as a result of an exception. An exception return can only be issued in Handler
mode. Thread mode is entered on Reset, and can be entered as a result of an exception return.
Figure 6.1-1 shows the functional controller of processor.
Cortex-M0
Processor
Core
Nested
Vectored
Interrupt
Controller
(NVIC)
Breakpoint
and
Watchpoint
Unit
Debugger
interface
Bus matrix
Debug
Access Port
(DAP)
Debug
Cortex-M0 Processor
Cortex-M0 Components
Wakeup
Interrupt
Controller
(WIC)
Interrupts
Serial Wire or
JTAG debug port
AHB-Lite interface
Figure 6.1-1 Functional Block Diagram
The implemented device provides:
A low gate count processor:
–
Arm
® 6-M Thumb® instruction set
–
Thumb-2 technology
–
Arm
® 6-M compliant 24-bit SysTick timer
–
A 32-bit hardware multiplier
–
System interface supported with little-endian data accesses
–
Ability to have deterministic, fixed-latency, interrupt handling
–
Load/store-multiples and multicycle-multiplies that can be abandoned and restarted to
facilitate rapid interrupt handling
–
C Application Binary Interface compliant exception model. This is the Armv6-M, C
Application Binary Interface (C-ABI) compliant exception model that enables the use
of pure C functions as interrupt handlers
–
Low Power Sleep mode entry using the Wait For Interrupt (WFI), Wait For Event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com