công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CN3066 bảng dữ liệu(PDF) 5 Page - Shanghai Consonance Electronics Incorporated

tên linh kiện CN3066
Giải thích chi tiết về linh kiện  Lithium Battery Charger IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CONSONANCE [Shanghai Consonance Electronics Incorporated]
Trang chủ  http://www.consonance-elec.com/
Logo CONSONANCE - Shanghai Consonance Electronics Incorporated

CN3066 bảng dữ liệu(HTML) 5 Page - Shanghai Consonance Electronics Incorporated

  CN3066 Datasheet HTML 1Page - Shanghai Consonance Electronics Incorporated CN3066 Datasheet HTML 2Page - Shanghai Consonance Electronics Incorporated CN3066 Datasheet HTML 3Page - Shanghai Consonance Electronics Incorporated CN3066 Datasheet HTML 4Page - Shanghai Consonance Electronics Incorporated CN3066 Datasheet HTML 5Page - Shanghai Consonance Electronics Incorporated CN3066 Datasheet HTML 6Page - Shanghai Consonance Electronics Incorporated CN3066 Datasheet HTML 7Page - Shanghai Consonance Electronics Incorporated CN3066 Datasheet HTML 8Page - Shanghai Consonance Electronics Incorporated CN3066 Datasheet HTML 9Page - Shanghai Consonance Electronics Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CONSONANCE
www.consonance-elec.com
5
REV 1.0
Electrical Characteristics
(VIN=5V, TA=-40℃ to 85℃, Typical Values are measured at TA=25℃,unless otherwise noted)
Parameters
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Supply Voltage
VIN
3.8
6
V
Operating Current
IVIN
Charge Termination Mode
300
450
600
uA
Undervoltage Lockout
Vuvlo
VIN rises
3.2
3.8
V
Regulation Voltage
VREG
Constant Voltage Mode
4.158
4.2
4.242
V
BAT pin Current
IBAT
RISET=1.22K, VBAT=3.6V
850
1000
1150
mA
RISET=1.22K, VBAT=2.4V
75
100
125
VIN=0V, sleep mode
3
uA
Precharge Threshold
Precharge Threshold
VPRE
Voltage at BAT pin rising
2.83
2.93
3.03
V
Precharge Threshold
Hysteresis
HPRE
0.24
V
Charge Termination Threshold
Charge Termination
Threshold
Vterm
Measure voltage at ISET pin
0.096
0.12
0.144
V
Recharge Threshold
Recharge Threshold
VRECH
VREG-0.15
V
Sleep Mode
Sleep Mode Threshold
VSLP
VIN from high to low, measures
the voltage (VIN-VBAT)
10
mv
Sleep mode Release
Threshold
VSLPR
VIN from low to high, measures
the voltage (VIN-VBAT)
60
mv
ISET Pin
ISET Pin Voltage
VISET
Precharge mode, VBAT<3v
0.12
V
Constant current mode
1.205
FB Pin
FB Input Current 1
IFB1
VFB=3.6V, normal working
1.3
2.5
6
uA
FB Input Current 1
IFB2
VIN<Vuvlo 或 VIN<VBAT
1
uA
TEMP PIN
High Input Threshold
VHIGH
The voltage at TEMP increases
77.5
80
82.5
%VIN
Low Input Threshold
VLOW
The voltage at TEMP decreases
42.5
45
47.5
%VIN
TEMP input Current
TEMP to VIN or to GND
0.5
uA
CHRG Pin
CHRG Sink Current
ICHRG
VCHRG=0.3V, charge mode
10
mA
CHRG
Leakage Current
VCHRG=6V, termination mode
1
uA
DONE Pin
DONE Sink Current
IDONE
VDONE=0.3V, charge mode
10
mA
DONE
Leakage Current
VDONE=6V, termination mode
1
uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com