| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ESP8266 bảng dữ liệu(PDF) 41 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. |
|
|
|||||||||||||||||||||||||||||
ESP8266 bảng dữ liệu(HTML) 41 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. |
|
41 / 117 page ![]() ! 4. SPI Communication User Guide Function int SPISlaveRecvData(SpiNum spiNum); Return value • 0: Success • Others: Failure 4.5.2.8. SPIMasterSendStatus Description Master writes data to slave’s status register. Function void SPIMasterSendStatus(SpiNum spiNum, uint8_t data); Return value Null 4.5.2.9. SPIMasterRecvStatus Description Master reads data from slave’s status register. Function int SPIMasterRecvStatus(SpiNum spiNum); Return value • 0: Success • Others: Failure Parameter Description spiNum [in] choose SPI and HSPI. Parameter Description spiNum [in] choose SPI and HSPI. data [in] data to write into status register. Parameter Description spiNum [in] choose SPI and HSPI. ! Note: The status register value of the slave is stored in SPI buffer W0. Espressif ! /! 33 104 2017.05 |