| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LD7833VGS bảng dữ liệu(PDF) 2 Page - Leadtrend Technology |
|
|
|||||||||||||||||||||||||||||
LD7833VGS bảng dữ liệu(HTML) 2 Page - Leadtrend Technology |
|
2 / 17 page ![]() LD7833V 01/20/2015 2 Leadtrend Technology Corporation www.leadtrend.com.tw LD7833V-DS-00 January 2015 Pin Configuration YY: Year code WW: Week code PP: Production code Ordering Information Part number Package Top Mark Shipping LD7833V GR SOP-7 LD7833V GR 2500 /tape & reel LD7833V GS SOP-8 LD7833V GS 2500 /tape & reel The LD7833V is ROHS compliant/Green packaged. Pin Descriptions Pin NAME FUNCTION 1 ZCD Quasi resonance detector, which supports programmable phase angel cut-off setting. This pin receives the auxiliary winding voltage through a resister divider and detects the quasi resonance. It also provides protection for over-voltage output. 2 COMP Loop compensation pin, connect a capacitor with it to stabilize the control loop. 3 CS Current sense pin, connect it to sense the MOSFET current for CC loop and OCP. 4 GND Ground 5 OUT Gate drive output to drive the external MOSFET 6 VCC Power source VCC pin 7 NC Not connected. 8 HV Connect this pin to the positive of main bulk cap to provide the startup current for controller and detects phase angle of TRIAC. |