| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LD7830GS bảng dữ liệu(PDF) 2 Page - Leadtrend Technology |
|
|
|||||||||||||||||||||||||||||
LD7830GS bảng dữ liệu(HTML) 2 Page - Leadtrend Technology |
|
2 / 18 page ![]() LD7830 2 Leadtrend Technology Corporation www.leadtrend.com.tw LD7830-DS-01a August 2012 Pin Configuration YY: Year code WW: Week code PP: Production code 1 8 2 3 4 7 6 5 TOP MARK YYWWPP YYWWPP SOP-8 / DIP-8 (TOP VIEW) 1 8 2 3 4 6 5 TOP MARK YYWWPP YYWWPP SOP-7 (TOP VIEW) Ordering Information Part number Package Top Mark Shipping LD7830 GR SOP-7 LD7830GR 2500 /tape & reel LD7830 GS SOP-8 LD7830GS 2500 /tape & reel LD7830 GN DIP-8 LD7830GN 3600 /tube /Carton The LD7830 is green packaged. Protection Mode Part number VCC OVP OLP LD7830 Auto recovery Auto recovery Pin Descriptions Pin NAME FUNCTION 1 ZCD Quasi resonance detector and programmable maximum ON-time. 2 COMP Feedback pin. Connect a photo-coupler to close the control loop to achieve regulation. 3 CS Current sense pin, connect it to sense the MOSFET current for OCP 4 GND Ground 5 OUT Gate drive output to drive the external MOSFET 6 VCC Power source VCC pin 7 NC No connecting. 8 HV Connect this pin to positive terminal of main bulk cap to provide startup current for controller. Once Vcc is UVLO on, the HV loop will open and turn off internal current source to minimize the power loss. |