| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FD115MH bảng dữ liệu(PDF) 1 Page - Feeling Technology Corp. |
|
|
|||||||||||||||||||||||||||||
FD115MH bảng dữ liệu(HTML) 1 Page - Feeling Technology Corp. |
|
1 / 12 page ![]() FD115MH FD115MA Smart motor driver with embedded Hall sensor This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product. Rev1.3 Feb. 9, 2009 P.1 FEELING TECHNOLOGY Features Motor driver with integrated Hall sensor Lock-shutdown protection & auto-restart function Precise magnetic switching thresholds “Soft-switch” phase-switching technique to reduce vibration and acoustic noise Thermal shutdown protection Built-in RD((Rotation Detect)) signal output Available in SIP-5L, SOT89-5L packages For 12V systems General Description FD115MH/FD115MA is a two coil motor driver with embedded Hall sensor. It integrates the motor driver with the Hall sensor, which simplifies the PCB(printed circuit board) design and make the fabrication of small-size motors possible. Lock-shutdown and auto-restart function keeps the motor from being over-heated and restarts the motor after being locked. “Soft-switch” phase-switching technique is used to reduce the vibration and acoustic noise. Thermal-shutdown protection ensures the motor driver to operate under specified temperature ranges. All the protection mechanisms mentioned above combine to provide a complete protecting scenario for the motor system, keep the motor system from possible damages and guarantee correct operations. Block Diagram Figure.1 Halogen Free Power On Reset Chopper amplifier Bias Generator Hall Plate Coil Driver Digital control logics Oscillator |
Số phần tương tự - FD115MH |
|
Mô tả tương tự - FD115MH |