| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RF98 bảng dữ liệu(PDF) 57 Page - HOPE Microelectronics CO., Ltd. |
|
|
|||||||||||||||||||||||||||||
RF98 bảng dữ liệu(HTML) 57 Page - HOPE Microelectronics CO., Ltd. |
|
57 / 121 page ![]() Page 57 RF96/97/98 Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com WIRELESS & SENSING PRELIMINARY DATASHEET 4.2.8.3. Timers Two timers (Timer1 and Timer2) are also available in order to define periodic sequences. These timers are used to generate interrupts, which can trigger transitions of the Sequencer. T1 interrupt is generated (Timer1Resolution * Timer1Coefficient) after T2 interrupt or SequencerStart. command. T2 interrupt is generated (Timer2Resolution * Timer2Coefficient) after T1 interrupt. The timers‟ mechanism is summarized on the following diagram. Sequencer Start T2 interrupt Timer2 Timer1 T1 interrupt Figure 23. Timer1 and Timer2 Mechanism Note The timer sequence is completed independently of the actual Sequencer state. Thus, both timers need to be on to achieve periodic cycling. |