| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RF97 bảng dữ liệu(PDF) 86 Page - HOPE Microelectronics CO., Ltd. |
|
|
|||||||||||||||||||||||||||||
RF97 bảng dữ liệu(HTML) 86 Page - HOPE Microelectronics CO., Ltd. |
|
86 / 121 page ![]() Page 86 RF96/97/98 Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com WIRELESS & SENSING PRELIMINARY DATASHEET Address Register Name Reset (POR) Default (FSK) Description FSK/OOK Mode LoRa TM Mode FSK Mode LoRa TM Mode 0x4D RegPaDac 0x84 Higher power settings of the PA 0x5B RegFormerTemp - Stored temperature during the former IQ Calibration 0x5D RegBitRateFrac Unused 0x00 Fractional part in the Bit Rate division ratio Unused 0x61 RegAgcRef 0x13 Adjustment of the AGC thresholds 0x62 RegAgcThresh1 0x0E 0x63 RegAgcThresh2 0x5B 0x64 RegAgcThresh3 0xDB others RegTest - Internal test registers. Do not overwrite Note - Reset values are automatically refreshed in the chip at Power On Reset - Default values are the Hope RF recommended register values, optimizing the device operation - Registers for which the Default value differs from the Reset value are denoted by a * in the tables of section 6.2 |