công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

K-XC1 bảng dữ liệu(PDF) 8 Page - Renesas Technology Corp

tên linh kiện K-XC1
Giải thích chi tiết về linh kiện  Shortform Description K-XC1
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

K-XC1 bảng dữ liệu(HTML) 8 Page - Renesas Technology Corp

  K-XC1 Datasheet HTML 1Page - Renesas Technology Corp K-XC1 Datasheet HTML 2Page - Renesas Technology Corp K-XC1 Datasheet HTML 3Page - Renesas Technology Corp K-XC1 Datasheet HTML 4Page - Renesas Technology Corp K-XC1 Datasheet HTML 5Page - Renesas Technology Corp K-XC1 Datasheet HTML 6Page - Renesas Technology Corp K-XC1 Datasheet HTML 7Page - Renesas Technology Corp K-XC1 Datasheet HTML 8Page - Renesas Technology Corp K-XC1 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Shortform Description K-XC1
© RFbeam Microwave GmbH www.rfbeam.ch
Page 8/9
Store to EEPROM
The actual parameters will be stored to the internal memory (except learned values,
which are not stored). When the power is switched off and on, these parameters will
immediately be loaded and used.
Range extend
This function allows it to measure targets also in a bigger distance. The K-XC1 module
still outputs 256 distance information points, but these points are calculated of several
distances. If you set Range extend to 1 always 2 measured points are converted into 1
displayed point what extends the measurement range by a factor of 2:
0
Standard mode. Each measured point corresponds to the displayed point
1
Extend by 2: 2 measured points are combined to 1 displayed point
2
Extend by 4: 4 measured points are combined to 1 displayed point
3
Extend by 8: 8 measured points are combined to 1 displayed point
It is not recommended to use this function (set a value different of 0) without a high-gain
antenna.
Option Data
The K-XC1 module has several internal settings which can be activated or deactivated by
this value. Option Data is a bit-coded 8bit value, where currently 2 bits are used:
Bit 7: Control Speed of digital output (0=115’200 Bit/s, 1=921’600 Bit/s)
Bit 6: Data Stream Content (0=Include Logarithmic Magnitude, 1=Only I/Q is sent)
To activate both functions, this value has to be set to 27+26=192
Digital Output of Datastream
Software version V0.20 and higher also support a digital output. This can be selected in
the main menu. When activated, the analog output is disabled and instead of this the
digital representation of measured values is presented on the output connector:
Pin 4: Digital signal output, serial format, 3.3V levels
Pin 6: Ground
The signal voltages are 3.3V, so to connect a PC the use of a level-shifter or a USB-
converter
is
necessary.
Possible
devices
are
available
from
FTDI:
http://www.ftdichip.com/Products/Cables/USBTTLSerial.htm.
On this port the following data are permanently sent:
I-Data
256 Points with a resolution of 16Bits (4 MSB bits are always ‘0’)



Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com