công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

K-LD2 bảng dữ liệu(PDF) 9 Page - RFbeam Microwave GmbH

tên linh kiện K-LD2
Giải thích chi tiết về linh kiện  radar transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RFBEAM [RFbeam Microwave GmbH]
Trang chủ  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

K-LD2 bảng dữ liệu(HTML) 9 Page - RFbeam Microwave GmbH

Back Button K-LD2 Datasheet HTML 5Page - RFbeam Microwave GmbH K-LD2 Datasheet HTML 6Page - RFbeam Microwave GmbH K-LD2 Datasheet HTML 7Page - RFbeam Microwave GmbH K-LD2 Datasheet HTML 8Page - RFbeam Microwave GmbH K-LD2 Datasheet HTML 9Page - RFbeam Microwave GmbH K-LD2 Datasheet HTML 10Page - RFbeam Microwave GmbH K-LD2 Datasheet HTML 11Page - RFbeam Microwave GmbH K-LD2 Datasheet HTML 12Page - RFbeam Microwave GmbH K-LD2 Datasheet HTML 13Page - RFbeam Microwave GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
©
RFbeam Microwave GmbH | Schuppisstrasse 7 | CH-9016 St. Gallen | www.rfbeam.ch | K-LD2 | data sheet
09/2018 - Revision B | Page 9/20
Detection algorithm
The detection algorithm uses the following steps:
1. Scan the FFT spectrum for peaks with a magni-
tude higher than the set threshold level and with
the direction to detect set with the parameter D03.
2. Check if the peak is a valid movement with
the correct direction or if it is an interference.
3. Increase the immunity against interferences by
checking if the movement is constant (see parame-
ter Immunity D02).
4. If there is a valid detection, estimate the speed
bin and magnitude.
5. Latch all the information to the detection
register (see parameters R00, R01 & R02)
and to the digital outputs.
6. Decrease the hold time if there is no valid detection.
7. Reset the hold time if there is another
valid detection.
8. Reset the detection register and the digital outputs
if the hold time has elapsed.
You can find more advanced configurati-
on options for  the detection algorithm in
the chapters Speed limitation and ranging,
FFT filter and Adjust hold time and sensitivity.
Reaction Time
The reaction time of the sensor depends on different
settings and can be calculated with the equation below
when the FFT average feature is disabled.
With the FFT average feature enabled (see parameter
S0A) the equation changes to:
t
Reaction =· (Immunity + 1) =
· (Immunity + 1)
N
FFT
ƒ
Sample
256
ƒ
Sample
t
Reaction =· (Immunity + 1) · 2 =
· (Immunity + 1) · 2
N
FFT
ƒ
Sample
256
ƒ
Sample



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20