| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SCK307R0 bảng dữ liệu(PDF) 4 Page - Thinking Electronic Industrial Co.,Ltd |
|
|
|||||||||||||||||||||||||||||
SCK307R0 bảng dữ liệu(HTML) 4 Page - Thinking Electronic Industrial Co.,Ltd |
|
4 / 22 page ![]() NTC Thermistor:SCK Series Power Thermistor for Limiting Inrush Current THINKING ELECTRONIC INDUSTRIAL CO., LTD. 12 www.thinking.com.tw 2018.05 All specifications are subject to change without notice. Electrical Characteristics Note 1: □ = Tolerance of R25 Note 2: Special specifications are available upon request. Part No. Zero Power Resistance at 25°C Max. Current at 25℃ Residual Resistance at 25℃ Imax Recommend Capacitance @240Vac Max. Power Rating at 25°C Dissipation Factor Thermal Time Constant Operating Temperature Range R25(Ω) Imax(A) RImax(Ω) Cth(F) Pmax(W) δ(mW/°C) τ(Sec.) TL~TU(°C) SCK13013 1 3 0.174 560 3.1 Approx. 18 Approx. 66 -40 ~ +200 SCK131R37 1.3 7 0.070 470 SCK132R56 2.5 6 0.094 560 SCK13045 4 5 0.132 560 SCK134R74 4.7 4 0.168 560 SCK13055 5 5 0.166 560 SCK13074 7 4 0.184 470 SCK13084 8 4 0.206 470 SCK13104 10 4 0.217 470 SCK13124 12 4 0.230 560 SCK13153 15 3 0.343 560 SCK13163 16 3 0.348 560 SCK13183 18 3 0.365 560 SCK13203 20 3 0.410 470 SCK150R78A 0.7 8 0.051 680 3.6 Approx. 21 Approx. 75 -40 ~ +200 SCK15018 1 8 0.054 680 SCK151R38 1.3 8 0.064 680 SCK151R58 1.5 8 0.068 800 SCK15028 2 8 0.078 680 SCK152R58 2.5 8 0.086 680 SCK15037 3 7 0.091 820 SCK15046 4 6 0.117 800 SCK15056 5 6 0.121 820 SCK15065 6 5 0.159 680 SCK15075 7 5 0.161 820 SCK15085 8 5 0.165 680 SCK15105 10 5 0.178 820 SCK15125 12 5 0.185 680 SCK15154 15 4 0.261 820 SCK15164 16 4 0.265 820 SCK15184 18 4 0.273 680 SCK15204 20 4 0.283 820 SCK15224 22 4 0.308 560 SCK15253 25 3 0.425 680 SCK15303 30 3 0.461 680 SCK15333 33 3 0.484 560 SCK15403 40 3 0.511 680 SCK15473 47 3 0.517 680 SCK15802X 80 2.5 0.693 560 SCK151202 120 2 1.010 560 |