công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PD780 bảng dữ liệu(PDF) 6 Page - NEC

tên linh kiện PD780
Giải thích chi tiết về linh kiện  HIGH·PERFORMANCE CP/M® ·COMPATIBLE NMOS 8·BIT MICROPROCESSOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

PD780 bảng dữ liệu(HTML) 6 Page - NEC

Back Button PD780 Datasheet HTML 2Page - NEC PD780 Datasheet HTML 3Page - NEC PD780 Datasheet HTML 4Page - NEC PD780 Datasheet HTML 5Page - NEC PD780 Datasheet HTML 6Page - NEC PD780 Datasheet HTML 7Page - NEC PD780 Datasheet HTML 8Page - NEC PD780 Datasheet HTML 9Page - NEC PD780 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
I-'PD780
NEe
AC Characteristics
TA =
OOC to +70oC; vee
=
+5 V ± 5%; unless otherwise specified
Limits
�P07ao (2.5 MHz)
1"0780-1{4 MHz)
1'.0780-2 II MHz)
11151
Parameter
Symbol
Min
Max
Min
Max
M
in
Max
Unit
Condlltons
Clock period
tc
0.4
(1)
0.25
(I )
0.165
(I
)
I's
Clock pulse width, clock high
tw(+H)
180
(2)
110
(2)
65
(2)
ns
Clock pulse width, clock low
tw(+L)
180
2000
110
2000
72
2000
ns
Clock rise and fall time
tRf
30
30
20
ns
Address output delay
145
110
90
ns
Delay to float
tF(AD)
110
90
80
ns
Address stable prior to MREO (Memory cycle)
tACM
(3)
(3)
(3)
ns CL
=
50
pF
Address stable prior to lORa, RD or WR (1/0 cycle)
tACI
(4)
(4)
(4)
ns
Address stable from RD or WR
tCA
(5)
(5)
(5)
ns
Address stable from RD or WR during Float
tCAF
(6)
(6)
(6)
ns
Data output delay
230
150
130
ns
Delay to float during write cycle
90
90
80
ns
Data setup time to rising edge of clock during Ml cycle ts,(O)
50
35
30
ns
Data setup time to falling edge of clock during M2
to M5 cycles
ts,(O)
60
50
40
ns CL
=
200
pF
Data stable prior to WR (Memory cycle)
tDCM
(7)
(7)
(7)
ns
Data stable prior to WR (1/0 cycle)
tOCI
(8)
(8)
(8)
ns
Data stable from WR
tCOF
(9)
(9)
(9)
ns
BUSRO setup time to rising edge of clock
80
50
50
ns
BUSAK delay from rising edge of clock to BUSAK low
tOL(BA)
t20
100
90
ns
BUSAK delay from falling edge of clock to BUSAK high to
110
100
90
ns CL =50 pF
Delay to float (MREO, lORa, RD and WR)
tF(C)
100
80
70
ns
Ml stable prior to 10RO (Interrupt ack.)
tMR
(10)
(10)
(10)
ns
Any hold time for setup time
tH
a
a
a
ns
HALT delay lime from falling edge of clock
300
300
260
ns CL = 50 pF
1NT setup time to rising edge of clock
80
80
70
ns
10RO delay from rising edge of clock to 10RO low
90
75
65
ns
10RO delay from falling edge of clock to 10RO low
110
85
70
ns
10RO delay from rising edge of clock to 10RO high
100
85
70
ns
10RO delay from falling edge of clock to lORa high
tOH+(IR)
110
85
70
ns CL=50pF
Ml delay from rising edge of clock to Ml low
130
100
80
ns
Ml delay from rising edge of clock to Ml high
130
100
80
ns
MREQ delay from falling edge of clock to MREO low
100
85
70
ns
MREO delay from rising edge of clock to MREO high
100
85
70
ns
MREO delay from falling edge of clock to MREO high
100
85
70
ns
Pulse width, MREO low
(11
)
(11)
(11)
ns
Pulse width, MREO high
(12)
(12)
(12)
ns
Pulse width, NMI low
80
80
70
ns
RESET setup time to rising edge of clock
90
60
60
ns
RD delay from rising edge of clock to RD low
100
85
70
ns
RD delay from falling edge of clock to RD low
130
95
80
ns
RD delay from rising edge of clock 10 RD high
100
85
70
ns
RiJ
delay from falling edge of clock to RD high
tOH,(RO)
110
85
70
ns CL
=
30pF
4-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com