| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AR8327-AL1A-R bảng dữ liệu(PDF) 393 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
AR8327-AL1A-R bảng dữ liệu(HTML) 393 Page - List of Unclassifed Manufacturers |
|
393 / 394 page ![]() Atheros Communications, Inc. AR8327/AR8327N Seven-port Gigabit Ethernet Switch • 393 6. Ordering Information The ordering information is listed in Table 6-1. 7. Top Side Marking The top side marking is listed in Table 7-1. Table 6-1. Ordering Information Ordering Number Package Default Ordering Unit AR8327-AL1A DR-QFN 148(12 mm × 12 mm) Tray AR8327-AL1A-R DR-QFN 148 (12 mm × 12 mm) Tape and reel AR8327N-AL1A DR-QFN 148 (12 mm × 12 mm) Tray AR8327N-AL1A-R DR-QFN 148 (12 mm × 12 mm) Tape and reel Table 7-1. Top Side Marking Ordering Number Marking AR8327-AL1A AR8327-AL1A-R AR8327-AL1A AR8327N-AL1A AR8327N-AL1A-R AR8327N-AL1A Figure 7-1. Top Side Marking (AR8327) AR8327-AL1A <Lot number> <Date code> <Country of origin> AR8327-AL1A <Lot number> <Date code> <Country of origin> |