| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SCK-082 bảng dữ liệu(PDF) 2 Page - Thinking Electronic Industrial Co.,Ltd |
|
|
|||||||||||||||||||||||||||||
SCK-082 bảng dữ liệu(HTML) 2 Page - Thinking Electronic Industrial Co.,Ltd |
|
2 / 22 page ![]() NTC Thermistor:SCK Series Power Thermistor for Limiting Inrush Current THINKING ELECTRONIC INDUSTRIAL CO., LTD. 10 www.thinking.com.tw 2018.05 All specifications are subject to change without notice. Structure and Dimensions (Unit: mm) Series D P. d Amax. Lmin. T W SCK05 4.5~6.5 4±0.5 0.8±0.02 6.5 31 2.0~5.0 1.9±0.2 SCK08 6.0~9.5 5±0.5 0.8±0.02 9.5 31 2.5~5.0 2.1±0.3 SCK10 9.0~11.5 5±0.5 0.8±0.02 11.5 31 2.5~5.0 2.1±0.3 SCK13 11.5~14.5 7.5±0.5 0.8±0.02 14.5 30 2.5~6.0 2.3±0.3 SCK15 13.0~16.5 7.5±0.5 1.0±0.02 16.5 29 3.0~6.0 2.5±0.3 SCK20 18.0~21.5 7.5±0.5 1.0±0.02 21.5 26 3.5~6.0 2.6±0.3 SCK25 23.0~29.0 7.5±1 1.0±0.02 29.0 25 4.0~6.0 3.1±0.5 SCK30 30.0~36.0 7.5±1 1.0±0.02 36.0 23 4.0~6.0 3.1±0.5 F Type (Y Kink Lead) (Unit: mm) Series D. P d Amax. Lmin. T SCK05 4.5~6.5 4±0.5 0.8±0.02 11.0 29 2.0~5.0 SCK08 6.0~9.5 5±0.5 0.8±0.02 13.0 29 2.5~5.0 SCK10 9.0~11.5 5±0.5 0.8±0.02 15.0 29 2.5~5.0 SCK13 11.5~14.5 7.5±0.5 0.8±0.02 17.5 27 2.5~6.0 SCK15 13.0~16.5 7.5±0.5 1±0.02 19.0 26 3.0~6.0 SCK20 18.0~21.5 7.5±0.5 1±0.02 24.5 25 3.5~6.0 SCK25 23.0~29.0 7.5±1 1±0.02 35.0 22 4.0~6.0 SCK30 30.0~36.0 7.5±1 1±0.02 42.0 22 4.0~6.0 S Type (Straight Lead) T Type (Y Kink 90° Bend and Outer Kink Lead) D T A L d P T A L d P D Max. 3mm (Unit: mm) Series D. P d T. L Hmax. L1 L2 SCK08 6.0~9.5 5±0.5 0.8±0.02 2.5~5.0 5.0±0.5 15 7.8±1.0 3.5±0.5 SCK10 9.0~11.5 5±0.5 0.8±0.02 2.5~5.0 5.0±0.5 17 7.8±1.0 3.5±0.5 SCK13 11.5~14.5 7.5±0.5 0.8±0.02 2.5~6.0 5.0±0.5 19 7.8±1.0 3.5±0.5 SCK15 13.0~16.5 7.5±0.5 1.0±0.02 3.0~6.0 4.5±0.5 21 9.0±1.0 3.5±0.5 SCK20 18.0~21.5 7.5±0.5 1.0±0.02 3.5~6.0 4.5±0.5 26 9.0±1.0 3.5±0.5 W P D P H L2 L1 d T L |