| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F030X4 bảng dữ liệu(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F030X4 bảng dữ liệu(HTML) 8 Page - STMicroelectronics |
|
8 / 93 page ![]() Introduction STM32F030x4/x6/x8/xC 8/93 DS9773 Rev 4 1 Introduction This datasheet provides the ordering information and mechanical device characteristics of the STM32F030x4/x6/x8/xC microcontrollers. This document should be read in conjunction with the STM32F0x0xx reference manual (RM0360). The reference manual is available from the STMicroelectronics website www.st.com. For information on the Arm®(a) Cortex®-M0 core, please refer to the Cortex®-M0 Technical Reference Manual, available from the www.arm.com website. a. Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and/or elsewhere. |