| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STC89LE52RC bảng dữ liệu(PDF) 78 Page - STCmicro Technology Co,.Ltd |
|
|
|||||||||||||||||||||||||||||
STC89LE52RC bảng dữ liệu(HTML) 78 Page - STCmicro Technology Co,.Ltd |
|
78 / 165 page ![]() There are 8 interrupt vector addresses available in STC89xx series. Associating with each interrupt vector, each interrupt source can be individually enabled or disabled by setting or clearing a bit in the registers IE and XICON. The register also contains a global disable bit(EA), which can be cleared to disable all interrupts at once. Each interrupt source has two corresponding bits to represent its priority. One is located in SFR named IPH and the other in IP or XICON register. Higher-priority interrupt will be not interrupted by lower-priority interrupt request. If two interrupt requests of different priority levels are received simultaneously, the request of higher priority is serviced. If interrupt requests of the same priority level are received simultaneously, an internal polling sequence determine which request is serviced. The following table shows the internal polling sequence in the same priority level and the interrupt vector address. Chapter 6 Interrupt Interrupt Source Vector address Polling Sequence Interrupt Priority setting (IP/XICON,IPH) Priority 0 (lowest) Priority 1 Priority 2 Priority 3 (highest) Interrupt Request Interrupt Enable Control Bit /INT0 (External interrupt 0) 0003H 0(highest) PX0H,PX0 0,0 0,1 1,0 1,1 IE0 EX0/EA Timer 0 000BH 1 PT0H,PT0 0,0 0,1 1,0 1,1 TF0 ET0/EA /INT1 (External interrupt 1) 0013H 2 PX1H,PX1 0,0 0,1 1,0 1,1 IE1 EX1/EA Timer1 001BH 3 PT1H,PT1 0,0 0,1 1,0 1,1 TF1 ET1/EA UART (Serial Interface) 0023H 4 PSH,PS 0,0 0,1 1,0 1,1 RI+TI ES/EA Timer 2 002BH 5 PT2H,PT2 0,0 0,1 1,0 1,1 TF2+EXF2 ET2/EA /INT2 0033H 6 PX2H,PX2 0,0 0,1 1,0 1,1 IE2 EX2/EA /INT3 003BH 7(lowest) PX3H,PX3 0,0 0,1 1,0 1,1 IE3 EX3/EA 78 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |