công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STC89LE52RC bảng dữ liệu(PDF) 153 Page - STCmicro Technology Co,.Ltd

tên linh kiện STC89LE52RC
Giải thích chi tiết về linh kiện  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STC [STCmicro Technology Co,.Ltd]
Trang chủ  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89LE52RC bảng dữ liệu(HTML) 153 Page - STCmicro Technology Co,.Ltd

Back Button STC89LE52RC Datasheet HTML 149Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 150Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 151Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 152Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 153Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 154Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 155Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 156Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 157Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 165 page
background image
Local Labels
Local labels may be used within a macro using the following format:
%*DEFINE
(macro_name [(parameter_list)])
[LOCAL list_of_local_labels] (macro_body)
For example, the following macro definition
%*DEFINE
(DEC_DPTR)
LOCAL SKIP
(DEC
DPL
;DECREMENT DATA POINTER
MOV
A, DPL
CJNE
A, #0FFH, %SKIP
DEC
DPL
%SKIP:
)
would be called as
%DEC_DPTR
and would be expanded by ASM51 into
DEC
DPL
;DECREMENT DATA POINTER
MOV
A, DPL
CJNE
A, #0FFH, SKIP00
DEC
DPH
SKIP00:
Note that a local label generally will not conflict with the same label used elsewhere in the source program, since
ASM51 appends a numeric code to the local label when the macro is expanded. Furthermore, the next use of the
same local label receives the next numeric code, and so on.
The macro above has a potential "side effect." The accumulator is used as a temporary holding place for
DPL. If the macro is used within a section of code that uses A for another purpose, the value in A would be lost.
This side effect probably represents a bug in the program. The macro definition could guard against this by saving
A on the stack. Here's an alternate definition for the DEC_DPTR macro:
%*DEFINE
(DEC_DPTR)
LOCAL SKIP
(PUSHACC
DEC
DPL
;DECREMENT DATA POINTER
MOV
A, DPL
CJNE
A, #0FFH, %SKIP
DEC
DPH
%SKIP:
POP
ACC
)
Repeat Operations
This is one of several built-in (predefined) macros. The format is
%REPEAT
(expression)
(text)
For example, to fill a block of memory with 100 NOP instructions,
%REPEAT (100)
(NOP
)
153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More