công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STC89LE52RC bảng dữ liệu(PDF) 147 Page - STCmicro Technology Co,.Ltd

tên linh kiện STC89LE52RC
Giải thích chi tiết về linh kiện  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STC [STCmicro Technology Co,.Ltd]
Trang chủ  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89LE52RC bảng dữ liệu(HTML) 147 Page - STCmicro Technology Co,.Ltd

Back Button STC89LE52RC Datasheet HTML 143Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 144Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 145Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 146Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 147Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 148Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 149Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 150Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 151Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 165 page
background image
Public
The format for the PUBLIC (public symbol) directive is
PUBLIC
symbol
[, symbol] […]
The PUBLIC directive allows the list of specified symbols to known and used outside the currently assembled
module. A symbol declared PUBLIC must be defined in the current module. Declaring it PUBLIC allows it to be
referenced in another module. For example,
PUBLIC
INCHAR, OUTCHR, INLINE, OUTSTR
Extrn
The format for the EXTRN (external symbol) directive is
EXTRN
segment_type (symbol [, symbol] […], …)
The EXTRN directive lists symbols to be referenced in the current module that are defined in other modules. The
list of external symbols must have a segment type associated with each symbol in the list. (The segment types
are CODE, XDATA, DATA, IDATA, BIT, and NUMBER. NUMBER is a type-less symbol defined by EQU.)
The segment type indicates the way a symbol may be used. The information is important at link-time to ensure
symbols are used properly in different modules.
The PUBLIC and EXTRN directives work together. Consider the two files, MAIN.SRC and MESSAGES.
SRC. The subroutines HELLO and GOOD_BYE are defined in the module MESSAGES but are made available
to other modules using the PUBLIC directive. The subroutines are called in the module MAIN even though they
are not defined there. The EXTRN directive declares that these symbols are defined in another module.
MAIN.SRC:
EXTRN
CODE (HELLO, GOOD_BYE)
…
CALL
HELLO
…
CALL
GOOD_BYE
…
END
MESSAGES.SRC:
PUBLIC
HELLO, GOOD_BYE
…
HELLO:
(begin subroutine)
…
RET
GOOD_BYE:
(begin subroutine)
…
RET
…
END
Neither MAIN.SRC nor MESSAGES.SRC is a complete program; they must be assembled separately and
linked together to form an executable program. During linking, the external references are resolved with correct
addresses inserted as the destination for the CALL instructions.
Name
The format for the NAME directive is
NAME module_name
147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More