| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STC89C52RC bảng dữ liệu(PDF) 71 Page - STCmicro Technology Co,.Ltd |
|
|
|||||||||||||||||||||||||||||
STC89C52RC bảng dữ liệu(HTML) 71 Page - STCmicro Technology Co,.Ltd |
|
71 / 165 page ![]() RETI Function: Return from interrupt Description: RETI pops the high- and low-order bytes of the PC successively from the stack, and restores the interrupt logic to accept additional interrupts at the same priority level as the one just processed. The Stack Pointer is left decremented by two. No other registers are affected; the PSW is not automatically restored to its pre-interrupt status. Program execution continues at the resulting address, which is generally the instruction immediately after the point at which the interrupt request was detected. If a lower- or same-level interrupt had been pending when the RETI instruction is executed, that one instruction will be executed before the pending interrupt is processed. Example: The Stack Pointer originally contains the value 0BH. An interrupt was detected during the instruction ending at location 0122H. Internal RAM locations 0AH and 0BH contain the values 23H and 01H, respectively. The instruction, RETI will leave the Stack Pointer equal to 09H and return program execution to location 0123H. Bytes: 1 Cycles: 2 Encoding: 0 0 1 1 0 0 1 0 Operation: RETI (PC 15-8) ← ((SP)) ← ((SP)) ((SP)) (SP) ← (SP) -1 ← (SP) -1 (SP) -1 (PC 7-0) ← ((SP)) ← ((SP)) ((SP)) (SP) ← (SP) -1 ← (SP) -1 (SP) -1 RL A Function: Rotate Accumulator Left Description: The eight bits in the Accumulator are rotated one bit to the left. Bit 7 is rotated into the bit 0 position. No flags are affected. Example: The Accumulator holds the value 0C5H (11000101B). The instruction, RL A leaves the Accumulator holding the value 8BH (10001011B) with the carry unaffected. Bytes: 1 Cycles: 1 Encoding: 0 0 1 0 0 0 1 1 Operation: RL (An +1) ← (A ← (A (An) n = 0-6 (A0) ← (A ← (A (A7) 71 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |