công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LD8116CGL bảng dữ liệu(PDF) 1 Page - Leadtrend Technology

tên linh kiện LD8116CGL
Giải thích chi tiết về linh kiện  Flexible Dimming Solution by PWM / 0-10V / Potentiometer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LEADTREND [Leadtrend Technology]
Trang chủ  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD8116CGL bảng dữ liệu(HTML) 1 Page - Leadtrend Technology

  LD8116CGL Datasheet HTML 1Page - Leadtrend Technology LD8116CGL Datasheet HTML 2Page - Leadtrend Technology LD8116CGL Datasheet HTML 3Page - Leadtrend Technology LD8116CGL Datasheet HTML 4Page - Leadtrend Technology LD8116CGL Datasheet HTML 5Page - Leadtrend Technology LD8116CGL Datasheet HTML 6Page - Leadtrend Technology LD8116CGL Datasheet HTML 7Page - Leadtrend Technology LD8116CGL Datasheet HTML 8Page - Leadtrend Technology LD8116CGL Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LD8116C
05/05/2018
1
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD8116C-DS-00 May 2018
Flexible Dimming Solution by PWM / 0-10V / Potentiometer
REV. 00
General Description
The LD8116C contains a processor which can convert the
three different inputs of dimmer type include 0~10V DC
potential, 0~100% duty cycle PWM (Plus Width Modulation)
signal and potentiometer become a PWM signal output. It
is easy to provide the isolation dimming control that via
opto-coupler for smart LED lighting application.
The device features include wide input voltage from 13V to
58V, adjustable bias current source for potentiometer and
high precision LED dimming current.
Features
Wide VCC operating range
Low operation current
Precision dimmer type with
-
Voltage potential : 0/1V to 10V
-
PWM dimming : 0.2k to 10kHz
-
Potentiometer : 0 to 100k Ohm.
Adjustable bias current source of DIM pin
Adjustable minimum output PWM duty clamping
Built in over temperature protection for Chip
Applications
Dimmable LED Power Supply
Dimming Control Devices
Typical Application
LED+
LED-
GND
DIM
VCC
DDIM
RISET
RPhoto
RL
RDIM
5V_PWM
0V
VR 100K
0 – 10V
0V
CDIM
100%
OUT
DIM
1.4V
10.6V
1.3V
Dimming Range Area
~6%
~7%
Fig. 1 Application Circuit


Số phần tương tự - LD8116CGL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Leadtrend Technology
LD8116A LEADTREND-LD8116A Datasheet
821Kb / 13P
Flexible Dimming Solution by PWM / 0-10V / Potentiometer
LD8116AGL LEADTREND-LD8116AGL Datasheet
821Kb / 13P
Flexible Dimming Solution by PWM / 0-10V / Potentiometer
LD8116B LEADTREND-LD8116B Datasheet
2Mb / 13P
Flexible Dimming Solution by PWM / 0-10V / Potentiometer
LD8116BGL LEADTREND-LD8116BGL Datasheet
2Mb / 13P
Flexible Dimming Solution by PWM / 0-10V / Potentiometer
LD8116D LEADTREND-LD8116D Datasheet
756Kb / 13P
Flexible Dimming Solution by PWM / 0-10V / Potentiometer
More results

Mô tả tương tự - LD8116CGL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infineon Technologies A...
CDM10V-3 INFINEON-CDM10V-3 Datasheet
570Kb / 11P
0-10V Dimming Solution
V1.0 2017-07-04
CDM10V-4 INFINEON-CDM10V-4 Datasheet
531Kb / 12P
A 0-10V Dimming Solution
V1.1 2017-08-04
CDM10VD INFINEON-CDM10VD Datasheet
742Kb / 17P
Flexible 0-10V Dimming Solution
V1.1 2017-08-02
CDM10V-2 INFINEON-CDM10V-2 Datasheet
1,003Kb / 12P
Flexible 0-10V Dimming Solution
V1.1 2017-08-04
logo
Leadtrend Technology
LD8116A LEADTREND-LD8116A Datasheet
821Kb / 13P
Flexible Dimming Solution by PWM / 0-10V / Potentiometer
LD8116B LEADTREND-LD8116B Datasheet
2Mb / 13P
Flexible Dimming Solution by PWM / 0-10V / Potentiometer
LD8116D LEADTREND-LD8116D Datasheet
756Kb / 13P
Flexible Dimming Solution by PWM / 0-10V / Potentiometer
logo
Infineon Technologies A...
CDM10V INFINEON-CDM10V Datasheet
1Mb / 22P
Flexible 0-10V Dimming Solution
logo
Diodes Incorporated
AL8116 DIODES-AL8116 Datasheet
732Kb / 13P
FLEXIBLE 0 TO 10V DIMMING SIGNAL INTERFACE CONTROLLER
Rev. 2 - 2 April 2020
logo
List of Unclassifed Man...
XJ180C090V285PSF2M ETC-XJ180C090V285PSF2M Datasheet
1Mb / 10P
180W 0.1-0.9A 0-10V Dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com