| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LD7516CGL bảng dữ liệu(PDF) 2 Page - Leadtrend Technology |
|
|
|||||||||||||||||||||||||||||
LD7516CGL bảng dữ liệu(HTML) 2 Page - Leadtrend Technology |
|
2 / 14 page ![]() LD7516C 08/31/2016 2 Leadtrend Technology Corporation www.leadtrend.com.tw LD7516C-DS-01 August 2016 Pin Configuration SOT-26 (TOP VIEW) YY, Y : Year code (D: 2004, E: 2005 …..) WW, W : Week code PP : Production code P16C : LD7516C 1 2 3 4 5 6 VCC GND FB OUT COMP CS YWP 16C pp Ordering Information Part number Package Top Mark Shipping LD7516C GL SOT-26 YWP/16C 3000 / tape & reel The LD7516C is ROHS compliant/Green Packaged Protection Mode Part number VCC_OVP FB_UVP OTP(Internal) LD7516C Auto-Restart Auto-Restart Auto-Restart Pin Descriptions PIN NAME FUNCTION 1 VCC Supply voltage pin. 2 GND Ground. 3 FB Auxiliary voltage sense and Quasi Resonant detection. 4 CS Current sense pin, connect to sense the Switch current. 5 COMP Output of the error amplifier for voltage compensation. 6 OUT Gate drive output to drive the external MOS Switch. |