| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BMP180 bảng dữ liệu(PDF) 22 Page - Bosch Sensortec GmbH |
|
|
|||||||||||||||||||||||||||||
BMP180 bảng dữ liệu(HTML) 22 Page - Bosch Sensortec GmbH |
|
22 / 29 page ![]() Data sheet BMP180 Page 22 BST-BMP180-DS000-12 | Revision 2.8 | May 2015 Bosch Sensortec © Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany. Note: Specifications within this document are subject to change without notice. S ACKS Module address write 0xEE ACKS Register address e.g. 0xF6 MSB e.g. ADC result 0x5C ACKS Module address read 0xEF Restart ACKM LSB e.g. ADC result 0x96 NACKM SCL PR OM SDA P 5.5 Read A/D conversion result or E2PROM data To read out the temperature data word UT (16 bit), the pressure data word UP (16 to 19 bit) and the E2PROM data proceed as follows: After the start condition the master sends the module address write command and register address. The register address selects the read register: E2PROM data registers 0xAA to 0xBF Temperature or pressure value UT or UP 0xF6 (MSB), 0xF7 (LSB), optionally 0xF8 (XLSB) Then the master sends a restart condition followed by the module address read that will be acknowledged by the BMP180 (ACKS). The BMP180 sends first the 8 MSB, acknowledged by the master (ACKM), then the 8 LSB. The master sends a "not acknowledge" (NACKM) and finally a stop condition. Optionally for ultra high resolution, the XLSB register with address 0xF8 can be read to extend the 16 bit word to up to 19 bits; refer to the application programming interface (API) software rev. 1.1 (“BMP180_ API”, available from Bosch Sensortec). Figure 9: Timing diagram read 16 bit A/D conversion result |