| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BMM150 bảng dữ liệu(PDF) 54 Page - Bosch Sensortec GmbH |
|
|
|||||||||||||||||||||||||||||
BMM150 bảng dữ liệu(HTML) 54 Page - Bosch Sensortec GmbH |
|
54 / 56 page ![]() Datasheet BMM150 Geomagnetic Sensor Page 54 BST-BMM150-DS001-01 | Revision 1.0 | April 2013 Bosch Sensortec © Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany. Note: Specifications within this document are subject to change without notice. 9.6 Environmental safety The BMM150 sensor meets the requirements of the EC restriction of hazardous substances (RoHS) directive, see also: Directive 2002/95/EC of the European Parliament and of the Council of 8 September 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment. 9.6.1 Halogen content The BMM150 is halogen-free. For more details on the analysis results please contact your Bosch Sensortec representative. 9.6.2 Internal package structure Within the scope of Bosch Sensortec’s ambition to improve its products and secure the mass product supply, Bosch Sensortec qualifies additional sources (e.g. 2nd source) for the packaging of the BMM150. While Bosch Sensortec took care that all of the technical packages parameters are described above are 100% identical for all sources, there can be differences in the chemical content and the internal structural between the different package sources. However, as secured by the extensive product qualification process of Bosch Sensortec, this has no impact to the usage or to the quality of the BMM150 product. |