| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BMA255 bảng dữ liệu(PDF) 22 Page - Bosch Sensortec GmbH |
|
|
|||||||||||||||||||||||||||||
BMA255 bảng dữ liệu(HTML) 22 Page - Bosch Sensortec GmbH |
|
22 / 119 page ![]() BMA255 Data sheet Page 22 BST-BMA255-DS004-05 | Revision 1.2 | August 2014 Bosch Sensortec © Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany. Note: Specifications within this document are subject to change without notice. The public offset compensation registers (0x38) offset_x, (0x39) offset_y, (0x3A) offset_z are images of the corresponding registers in the NVM. With each image update (see section 4.6 Non-volatile memory for details) the contents of the NVM registers are written to the public registers. The public registers can be over-written by the user at any time. After changing the contents of the public registers by either an image update or manually, all 8bit values are extended to 12bit values for internal computation. In the opposite direction, if an internally computed value changes it is converted to an 8bit value and stored in the public register. Depending on the selected g-range the conversion from 12bit to 8bit values can result in a loss of accuracy of one to several LSB. This is shown in figure 5. In case an internally computed compensation value is too small or too large to fit into the corresponding register, it is saturated in order to prevent an overflow error. By writing ´1´ to the (0x36) offset_reset bit, all offset compensation registers are reset to zero. |