công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IP5328 bảng dữ liệu(PDF) 3 Page - Injoinic Technology Co.,Ltd.

tên linh kiện IP5328
Giải thích chi tiết về linh kiện  Integrated mobile power SOC with multiple input and output fast charge functions
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INJOINIC [Injoinic Technology Co.,Ltd.]
Trang chủ  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5328 bảng dữ liệu(HTML) 3 Page - Injoinic Technology Co.,Ltd.

  IP5328 Datasheet HTML 1Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 2Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
IP5328
V1.04
Email: service@injoinic.com
3 / 26
Copyright © 2015, Injoinic Corp.
1. 引脚定义
VING
VBUS
VBUSG
VOUT2
VOUT2G
VOUT1G
VOUT1
DMA1
DPA1
31
32
33
34
35
36
38
37
39
40
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
13
14
12
11
LIGHT
BST
LX
LX
LX
LX
L3
L2
L1
30 29 28 27 26 25 24 23 22 21
DMA2
IP5328
QFN40
41 EPAD
LX
图 2
IP5328 引脚图
IP5328 引脚说明
Pin Num
Pin Name
IP5328
1
DPA2
VOUT2 口手机快充智能识别 DP
2
CC1
USB C 检测引脚 CC1
3
CC2
USB C 检测引脚 CC2
4
DMC
USB C 口手机快充智能识别 DM
5
DPC
USB C 口手机快充智能识别 DP
6
DMB
Micro USB 口手机快充智能识别 DM,I2C2 功能时为 SCK
7
DPB
Micro USB 口手机快充智能识别 DP,I2C2 功能时为 SDA
8/9/22/23
VSYS
系统输入输出公共节点
10
NTC
温敏电阻检测引脚
11
L1
电量灯驱动引脚 L1,I2C1 功能时为 SCK
12
L2
电量灯驱动引脚 L2,I2C1 功能时为 SDA
13
L3
电量灯驱动引脚 L3,复用 VSET,I2C1 功能时为 MCU 唤醒引脚
14/15/16/17/18
LX
DCDC 开关节点,连接电感
19
BST
内部高压驱动,连接电容到 LX
20
LIGHT
快充模式状态指示
21
RSET
电池内阻补偿,可微调电量曲线,I2C2 功能时为 MCU 唤醒引脚
24
VSP
VSYS 电流采样正端,需要与 VSYS 分开走线



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26