công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AS15-HG bảng dữ liệu(PDF) 2 Page - E-CMOS Corporation

tên linh kiện AS15-HG
Giải thích chi tiết về linh kiện  141 Channel Voltage Buffers for TFT LCD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  E-CMOS [E-CMOS Corporation]
Trang chủ  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

AS15-HG bảng dữ liệu(HTML) 2 Page - E-CMOS Corporation

  AS15-HG Datasheet HTML 1Page - E-CMOS Corporation AS15-HG Datasheet HTML 2Page - E-CMOS Corporation AS15-HG Datasheet HTML 3Page - E-CMOS Corporation AS15-HG Datasheet HTML 4Page - E-CMOS Corporation AS15-HG Datasheet HTML 5Page - E-CMOS Corporation AS15-HG Datasheet HTML 6Page - E-CMOS Corporation AS15-HG Datasheet HTML 7Page - E-CMOS Corporation AS15-HG Datasheet HTML 8Page - E-CMOS Corporation AS15-HG Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
EC5575
14+1 Channel Voltage Buffers for TFT LCD
E-CMOS Corp. (www.ecmos.com.tw)
Page 2 of 12
2007/09/12
PIN ASSIGNMENT ( E2 Type )
Ordering Information
Part No.
Top Mark
Package
Description
EC5575-F
AS15-F
TQFP48
14+1 lead-free
EC5575-G
AS15-G
TQFP48
14+1 Green Package
EC5575-FR
AS15-F
TQFP48
14+1 lead-free; (R) : Tape & reel
EC5575-GR
AS15-G
TQFP48
14+1 Green Package; (R) : Tape & reel
EC5575-HF
AS15-HF
TQFP48
14+1 lead-free ( H )
EC5575-HG
AS15-HG
TQFP48
14+1 Green Package ( H )
EC5575E2-F
AS15E2-F
TQFP48
14+1 (pin40 is Vcom-) lead-free
EC5575E2-G
AS15E2-G
TQFP48
14 channel (pin40 is Vcom-)Green Package
EC5575E2-HF
AS15E2-HF
TQFP48
14+1 (pin40 is Vcom-) lead-free ( H )
EC5575E2-HG
AS15E2-HG
TQFP48
14 channel (pin40 is Vcom-)Green Package (H)
Note: (H): Exposed pad (3.05x3.05 mm) ; (R) : Tape & reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12