| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EC5575-F bảng dữ liệu(PDF) 2 Page - E-CMOS Corporation |
|
|
|||||||||||||||||||||||||||||
EC5575-F bảng dữ liệu(HTML) 2 Page - E-CMOS Corporation |
|
2 / 12 page ![]() EC5575 14+1 Channel Voltage Buffers for TFT LCD E-CMOS Corp. (www.ecmos.com.tw) Page 2 of 12 2007/09/12 PIN ASSIGNMENT ( E2 Type ) Ordering Information Part No. Top Mark Package Description EC5575-F AS15-F TQFP48 14+1 lead-free EC5575-G AS15-G TQFP48 14+1 Green Package EC5575-FR AS15-F TQFP48 14+1 lead-free; (R) : Tape & reel EC5575-GR AS15-G TQFP48 14+1 Green Package; (R) : Tape & reel EC5575-HF AS15-HF TQFP48 14+1 lead-free ( H ) EC5575-HG AS15-HG TQFP48 14+1 Green Package ( H ) EC5575E2-F AS15E2-F TQFP48 14+1 (pin40 is Vcom-) lead-free EC5575E2-G AS15E2-G TQFP48 14 channel (pin40 is Vcom-)Green Package EC5575E2-HF AS15E2-HF TQFP48 14+1 (pin40 is Vcom-) lead-free ( H ) EC5575E2-HG AS15E2-HG TQFP48 14 channel (pin40 is Vcom-)Green Package (H) Note: (H): Exposed pad (3.05x3.05 mm) ; (R) : Tape & reel |