| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MEZ bảng dữ liệu(PDF) 8 Page - MotionKing Motor Industry Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
MEZ bảng dữ liệu(HTML) 8 Page - MotionKing Motor Industry Co.,Ltd. |
|
8 / 8 page ![]() 2-Phase Stepper Servo System MotionKing (China) Motor Industry Co., Ltd. www.MotionKing.com MK1502, Rev.02 - 8 - MEZ Stepper Servo Drives – Closed-Loop Drives Highlights Stepper based servo control Closed position loop to eliminate loss of synchronization No torque reservation Load based output current for extra low motor heating Smooth motor movement and low motor noise Quick response and no hunting No overshooting and almost zero settling time High starting torque, high inertial loads Capable of driving NEMA 17, 23, 24 &34 MEZ servo motors (stepper motors with encoders) Plug-and-play, no tuning for most of applications Available Products Power Voltage(V) Current(A) Model Control Tye AC DC Peak Matching Easy Servo Motors (NEMA) Configuration Encoder Feedback MEZ-2D880 Step & Dir 24 - 80 0.5 - 8.2 MEZ-M2-1705-E10 MEZ-M2-1707-E10 MEZ-M2-2311-E10 MEZ-M2-2318-E10 MEZ-M2-2325-E10 MEZ-M2-2416-E10 MEZ-M2-2430-E10 MEZ-M2-3442-E10 DIP Switch / RS232 √ MEZ-2D1080 Step & Dir 20 - 70 30 - 100 0.5 - 8.0 MEZ-M2-3442-E10 MEZ-M2-3480-E10 DIP Switch / RS232 √ MEZ-2DH1280 Step & Dir 90 - 130 127 - 184 0.5 - 8.0 MEZ-M2-3480-E10 MEZ-M2-3412-E10 HMI / RS232 √ |