công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MUX36S08IPWR bảng dữ liệu(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện MUX36S08IPWR
Giải thích chi tiết về linh kiện  36-V, low-capacitance, low-leakage-current, precision, analog multiplexers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

MUX36S08IPWR bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button MUX36S08IPWR Datasheet HTML 3Page - Texas Instruments MUX36S08IPWR Datasheet HTML 4Page - Texas Instruments MUX36S08IPWR Datasheet HTML 5Page - Texas Instruments MUX36S08IPWR Datasheet HTML 6Page - Texas Instruments MUX36S08IPWR Datasheet HTML 7Page - Texas Instruments MUX36S08IPWR Datasheet HTML 8Page - Texas Instruments MUX36S08IPWR Datasheet HTML 9Page - Texas Instruments MUX36S08IPWR Datasheet HTML 10Page - Texas Instruments MUX36S08IPWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
7
MUX36S08, MUX36D04
www.ti.com
SBOS705D – JANUARY 2016 – REVISED FEBURARY 2019
Product Folder Links: MUX36S08 MUX36D04
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC(1)
MUX36S08 and MUX36D04
UNIT
PW (TSSOP)
RUM (WQFN)
RRJ (WQFN)
16 PINS
16 PINS
16 PINS
RθJA
Junction-to-ambient thermal resistance
103.8
37.3
46.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
36.8
31.6
37.7
°C/W
RθJB
Junction-to-board thermal resistance
49.8
16.2
21.7
°C/W
ψJT
Junction-to-top characterization parameter
2.7
0.5
0.7
°C/W
ψJB
Junction-to-board characterization parameter
49.1
16.2
21.7
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
6.1
6.2
°C/W
(1)
When VS is positive, VD is negative, and vice versa.
7.5 Electrical Characteristics: Dual Supply
at TA = 25°C, VDD = 15 V, and VSS = –15 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG SWITCH
Analog signal range
TA = –40°C to +125°C
VSS
VDD
V
RON
On-resistance
VS = 0 V, ICH = 1 mA
125
170
Ω
VS = ±10 V, ICH = 1 mA
145
200
Ω
TA = –40°C to +85°C
230
TA = –40°C to
+125°C
250
ΔRON
On-resistance mismatch
between channels
VS = ±10 V, ICH = 1 mA
2.4
6
Ω
TA = –40°C to +85°C
9
TA = –40°C to
+125°C
11
RFLAT
On-resistance flatness
VS = 10 V, 0 V, –10 V
2.4
6
Ω
TA = –40°C to +85°C
53
TA = –40°C to
+125°C
58
On-resistance drift
VS = 0 V
0.64
%/°C
IS(OFF)
Input leakage current
Switch state is off,
VS = ±10 V, VD = ±10 V
(1)
–0.04
0.001
0.04
nA
TA = –40°C to +85°C
–0.15
0.15
TA = –40°C to
+125°C
–1.9
1.9
ID(OFF)
Output off leakage current
Switch state is off,
VS = ±10 V, VD = ±10 V
(1)
–0.1
0.005
0.1
nA
TA = -40°C to +85°C
–0.5
0.5
TA = –40°C to
+125°C
–2
2
ID(ON)
Output on leakage current
Switch state is on,
VD = ±10 V, VS = floating
–0.1
0.008
0.1
nA
TA = –40°C to +85°C
–0.5
0.5
TA = –40°C to
+125°C
–3.3
3.3
IDL(ON)
Differential on-leakage
current
Switch state is on,
VDA = VDB = ±10 V,
VS = floating
–15
3
15
pA
TA = –40°C to +85°C
–100
100
TA = –40°C to
+125°C
–500
500
LOGIC INPUT
VIH
Logic voltage high
2
V
VIL
Logic voltage low
0.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com