| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
1604792 bảng dữ liệu(PDF) 2 Page - PHOENIX CONTACT |
|
|
|||||||||||||||||||||||||||||
1604792 bảng dữ liệu(HTML) 2 Page - PHOENIX CONTACT |
|
2 / 4 page ![]() https://www.phoenixcontact.com/us/products/1604792 12/9/13 Page 2 / 4 Housing - HC-B 16-SMQ-84/O1M25 - 1604792 Technical data General No. of cable exits 1 Cable exit Lateral Screw connection None Type of the screw connection 1x M25 Housing material Aluminum die-cast Housing surface material Powder-coated, gray Seal material NBR Material lock Stainless steel, handle: PA Material grip body interlock PA Assembly instructions For half and full screw connections Classifications eCl@ss eCl@ss 4.0 27140816 eCl@ss 4.1 27140816 eCl@ss 5.0 27143424 eCl@ss 5.1 27143424 eCl@ss 6.0 27143424 eCl@ss 7.0 27440209 eCl@ss 8.0 27440209 ETIM ETIM 2.0 EC000437 ETIM 3.0 EC000437 ETIM 4.0 EC000437 ETIM 5.0 EC000437 UNSPSC UNSPSC 6.01 31261502 UNSPSC 7.0901 31261502 UNSPSC 11 31261502 UNSPSC 12.01 31261502 UNSPSC 13.2 31261502 Approvals Approvals |