| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F4520E/SPQTP bảng dữ liệu(PDF) 15 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4520E/SPQTP bảng dữ liệu(HTML) 15 Page - Microchip Technology |
|
15 / 390 page ![]() 2004 Microchip Technology Inc. Preliminary DS39631A-page 13 PIC18F2420/2520/4420/4520 PORTA is a bidirectional I/O port. RA0/AN0 RA0 AN0 227 I/O I TTL Analog Digital I/O. Analog input 0. RA1/AN1 RA1 AN1 328 I/O I TTL Analog Digital I/O. Analog input 1. RA2/AN2/VREF-/CVREF RA2 AN2 VREF- CVREF 41 I/O I I O TTL Analog Analog Analog Digital I/O. Analog input 2. A/D reference voltage (low) input. Comparator reference voltage output. RA3/AN3/VREF+ RA3 AN3 VREF+ 52 I/O I I TTL Analog Analog Digital I/O. Analog input 3. A/D reference voltage (high) input. RA4/T0CKI/C1OUT RA4 T0CKI C1OUT 63 I/O I O ST ST — Digital I/O. Timer0 external clock input. Comparator 1 output. RA5/AN4/SS/HLVDIN/ C2OUT RA5 AN4 SS HLVDIN C2OUT 74 I/O I I I O TTL Analog TTL Analog — Digital I/O. Analog input 4. SPI™ slave select input. High/Low-Voltage Detect input. Comparator 2 output. RA6 See the OSC2/CLKO/RA6 pin. RA7 See the OSC1/CLKI/RA7 pin. TABLE 1-2: PIC18F2420/2520 PINOUT I/O DESCRIPTIONS (CONTINUED) Pin Name Pin Number Pin Type Buffer Type Description PDIP, SOIC QFN Legend: TTL = TTL compatible input CMOS = CMOS compatible input or output ST = Schmitt Trigger input with CMOS levels I = Input O = Output P = Power Note 1: Default assignment for CCP2 when configuration bit CCP2MX is set. 2: Alternate assignment for CCP2 when configuration bit CCP2MX is cleared. |