| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
U74HC164L-P14-R bảng dữ liệu(PDF) 3 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
U74HC164L-P14-R bảng dữ liệu(HTML) 3 Page - Unisonic Technologies |
|
3 / 5 page ![]() U74HC164 CMOS IC UNISONICTECHNOLOGIESCO.,LTD 3 of 5 www.unisonic.com.tw QW-R502-309.D ABSOLUTE MAXIMUM RATING PARAMETER SYMBOL RATINGS UNIT Supply Voltage VCC -0.5~ +7 V VCC or GND Current ICC ±50 mA Output Current IOUT ±25 mA Input Diode Current IIK ±20 mA Switch Diode Current IOK ±20 mA DIP-14 750 mW SOP-14 500 mW Power Dissipation TSSOP-14 PD 500 mW Storage Temperature TSTG -65 ~ +150 °С Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. RECOMMENDED OPERATING COMDITIONS PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNIT Supply Voltage VCC 2.0 5.0 6.0 V Input Voltage VIN 0 VCC V Output Voltage VOUT 0 VCC V VCC=2V 1000 ns VCC=4.5V 6.0 500 ns Input Transition Rise or Fall Rate t/v VCC=6V 400 ns Operating Temperature TA -40 125 °С ELECTRICAL CHARACTERISTICS (TA=25°С, unless otherwise specified) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT VCC=2.0V 1.5 1.2 V VCC=4.5V 3.15 2.4 V Input Voltage High-Level VIH VCC=6.0V 4.2 3.2 V VCC=2.0V 0.8 0.5 V VCC=4.5V 2.1 1.35 V Input Voltage Low-Level VIL VCC=6.0V 2.8 1.8 V VCC=2.0V, IOH=20µA 1.9 2.0 V VCC=4.5V, IOH=20µA 4.4 4.5 V VCC=6.0V, IOH=20µA 5.9 6.0 V VCC=4.5V, IOH=4mA 3.98 4.32 V Output Voltage High-Level VOH VCC=6.0V, IOH= 5.2mA 5.48 5.81 V VCC=2.0V, IOL=20µA 0 0.1 V VCC=4.5V, IOL=20µA 0 0.1 V VCC=6.0V, IOL=20µA 0 0.1 V VCC=4.5V, IOL=4mA 0.15 0.26 V Output Voltage Low-Level VOL VCC=6.0V, IOL=5.2mA 0.16 0.26 V Input Leakage Current II(LEAK) VIN=VCC or GND, VCC=6.0V ±0.1 µA Quiescent Supply Current IQ VIN=VCC or GND, VCC=6.0V, IOUT=0 8 µA Input Capacitance CIN 3.5 pF |