công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

700SCFM bảng dữ liệu(PDF) 1 Page - List of Unclassifed Manufacturers

tên linh kiện 700SCFM
Giải thích chi tiết về linh kiện  20SCFM
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC1 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC1 - List of Unclassifed Manufacturers

700SCFM bảng dữ liệu(HTML) 1 Page - List of Unclassifed Manufacturers

  700SCFM Datasheet HTML 1Page - List of Unclassifed Manufacturers 700SCFM Datasheet HTML 2Page - List of Unclassifed Manufacturers 700SCFM Datasheet HTML 3Page - List of Unclassifed Manufacturers 700SCFM Datasheet HTML 4Page - List of Unclassifed Manufacturers 700SCFM Datasheet HTML 5Page - List of Unclassifed Manufacturers 700SCFM Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
20 SCFM Coalescer
1-800-521-9200
7
Specifications
Port Sizes
1/4"
Thread Styles
NPT, BSPT, BSPP
Flow Capacity
20 SCFM
@ 100 PSI
Bowl Types
Aluminum
Polycarbonate
Maximum Temp.
Aluminum 175°F, 200 PSIG
& Pressure*
Polycarb. 125°F, 150 PSIG
Filter Capacity
0.01 Micron and Larger
Differential Pressure < 1.5 PSID at Rated Flow
*For higher pressure applications, consult factory. If unit is equipped with
differential indicator, maximum temperature and pressure are 125°F and
150 PSIG regardless of bowl design.
Front View
Side View
Physical Dimensions
Model #
Description
A
B
C
D
3C-020-M02-P
Metal Bowl, Manual Drain
3.0
6.8
3.0
1.5
3C-020-M02-F
Metal Bowl, Float Drain
3.0
6.8
3.0
1.5
3C-020-M02-Fi
Metal Bowl, Float Drain w/Indicator
3.0
7.5
3.0
1.5
3C-020-P02-P
Poly Bowl, Manual Drain
3.0
6.8
3.0
1.5
3C-020-P02-F
Poly Bowl, Float Drain
3.0
6.8
3.0
1.5
3C-020-P02-Fi
Poly Bowl, Float Drain w/Indicator
3.0
7.5
3.0
1.5
Order Guide
Metal Bowl
Poly Bowl
Port Size
Metal Bowl
w/Indicator
Poly Bowl
w/Indicator
Manual Drain
1/4"
3C-020-M02-P
3C-020-M02-Pi
3C-020-P02-P
3C-020-P02-Pi
Float Drain
1/4"
3C-020-M02-F
3C-020-M02-Fi
3C-020-P02-F
3C-020-P02-Fi
Replacement Parts & Accessories
Description
Part Number
Bowl O-Ring
N32-95-009
Metal Bowl Assembly,
N32-95-950
Plastic Float Drain
Differential Indicator
N32-W1-DPi
Manual Drain
N32-95-182
Brass Float Drain
N32-95-978
Plastic Float Drain
N32-95-973
Description
Part Number
Replacement Element
3C-020
Blanking Cap
N32-95-020
Manual Flex Drain
N32-95-610
Low Flow Plastic Drain
N32-96-400
Poly Bowl,
N32-15-160
Plastic Float Drain
Type of contamination: oil


Số phần tương tự - 700SCFM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Allen-Bradley
700S-CF ALLEN-BRADLEY-700S-CF Datasheet
193Kb / 12P
Safety Control Relays
700S-CF440 ALLEN-BRADLEY-700S-CF440 Datasheet
250Kb / 5P
Industrial Relays
700S-CF440XC ALLEN-BRADLEY-700S-CF440XC Datasheet
250Kb / 5P
Industrial Relays
700S-CF440XC ALLEN-BRADLEY-700S-CF440XC Datasheet
193Kb / 12P
Safety Control Relays
700S-CF440ZXC ALLEN-BRADLEY-700S-CF440ZXC Datasheet
250Kb / 5P
Industrial Relays
More results


Html Pages

1 2 3 4 5 6