| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FA4F4M bảng dữ liệu(PDF) 5 Page - NEC |
|
|
|||||||||||||||||||||||||||||
FA4F4M bảng dữ liệu(HTML) 5 Page - NEC |
|
5 / 22 page ![]() Data Sheet D16493EJ2V0DS 5 FA4xxx [FA4F4M] TYPICAL CHARACTERISTICS (TA = 25°C) COLLECTOR TO EMITTER VOLTAGE vs. COLLECTOR CURRENT 2 0 0 10 20 30 40 50 46 8 10 VCE - Collector to Emitter Voltage - V COLLECTOR CURRENT vs. COLLECTOR TO EMITTER VOLTAGE IB = 290 A µ 40 A µ 90 A µ 140 A µ 190 A µ 240 A µ 0 0.1 0.2 0.3 0.4 0.5 020 40 60 VIN = 5.0 V 10.0 V 15.0 V IC - Collector Current - mA DC CURRENT GAIN vs. COLLECTOR CURRENT COLLECTOR SATURATION VOLTAGE vs. COLLECTOR CURRENT 10 100 1000 1 10 100 VCE = 5.0 V TA = 75°C 25°C −25°C IC - Collector Current - mA 0.01 0.1 1 1 10 100 IC = 10・IB TA = 75°C 25°C −25°C IC - Collector Current - mA INPUT VOLTAGE vs. COLLECTOR CURRENT COLLECTOR CURRENT vs. INPUT VOLTAGE 0.1 1 10 100 1 10 100 VCE = 0.2 V TA = −25°C 25°C 75°C IC - Collector Current - mA 1 10 100 1000 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 TA = 75°C 25°C −25°C VIN - Input Voltage - V RESISTER vs. AMBIENT TEMPERATURE 0 10 20 30 40 50 -25 0 25 50 75 100 TA - Ambient Temperature - °C |