công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LB3218T331M bảng dữ liệu(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

tên linh kiện LB3218T331M
Giải thích chi tiết về linh kiện  Wire-wound Chip Inductors (LB series)[LB]
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Trang chủ  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LB3218T331M bảng dữ liệu(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  LB3218T331M Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc LB3218T331M Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc LB3218T331M Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the data at any time without notice.
Before making final selection, please check product specification.
Wire-wound Chip Inductors (LB series)[LB]
LB3218T331M
Features
Item Summary
330uH±20%, 65mA, 1207/3218 (EIA/JIS)
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping Embossed 2000pcs
Products characteristics table
Inductance
330 uH ± 20 %
Case Size (EIA/JIS)
1207/3218
Rated Current (max)
65 mA
DC Resistance (max)
9.1 Ω
DC Resistance (typ)
7 Ω
LQ Measuring Frequency
0.796 MHz
Self Resonant Frequency (min)
4 MHz
Operating Temp. Range
-40 to +105 ℃
(Including-self-generated heat)
Temperature characteristic
± 25 %
(Inductance change)
RoHS Compliance (10 subst.)
Yes
REACH Compliance (191 subst.)
Yes
Halogen Free
Yes
Soldering
Reflow
External Dimensions
Dimension L
3.2 ±0.2 mm
Dimension W
1.8 ±0.2 mm
Dimension T
1.8 ±0.2 mm
Dimension e
0.6 ±0.2 mm
2019.03.07
1 / 1


Số phần tương tự - LB3218T331M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiyo Yuden (U.S.A.), I...
LB3218T331M TAIYO-YUDEN-LB3218T331M Datasheet
143Kb / 1P
Wire-wound Chip Inductors
LB3218T331M TAIYO-YUDEN-LB3218T331M Datasheet
345Kb / 3P
Wire-wound Ferrite Inductors LLQB/LLQC/LLQE series for Medical Devices classified as GHTF Classes A or B (Japan Classes I or II)
2021/8/3
LB3218T331M TAIYO-YUDEN-LB3218T331M Datasheet
296Kb / 3P
Wire-wound Ferrite Inductors LSQB/LSQC/LSQE series for General Electronic Equipment
2021/8/3
LB3218T331M8 TAIYO-YUDEN-LB3218T331M8 Datasheet
294Kb / 3P
Wire-wound Chip Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (LB series)[LB]
LB3218T331M8 TAIYO-YUDEN-LB3218T331M8 Datasheet
297Kb / 3P
Wire-wound Ferrite Inductors LMQB/LMQC/LMQE series for Medical Devices classified as GHTF Class C (Japan Class III)
2021/8/3
More results

Mô tả tương tự - LB3218T331M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiyo Yuden (U.S.A.), I...
LB1608T100M TAIYO-YUDEN-LB1608T100M Datasheet
288Kb / 3P
Wire-wound Chip Inductors (LB series)[LB]
LB2012T2R2M TAIYO-YUDEN-LB2012T2R2M Datasheet
289Kb / 3P
Wire-wound Chip Inductors (LB series)[LB]
LB2012T101M TAIYO-YUDEN-LB2012T101M_19 Datasheet
288Kb / 3P
Wire-wound Chip Inductors (LB series)[LB]
LB2012T150K TAIYO-YUDEN-LB2012T150K_19 Datasheet
288Kb / 3P
Wire-wound Chip Inductors (LB series)[LB]
LB2012T470K TAIYO-YUDEN-LB2012T470K_19 Datasheet
288Kb / 3P
Wire-wound Chip Inductors (LB series)[LB]
LB2016T100M TAIYO-YUDEN-LB2016T100M_19 Datasheet
289Kb / 3P
Wire-wound Chip Inductors (LB series)[LB]
LB2016T101M TAIYO-YUDEN-LB2016T101M_19 Datasheet
288Kb / 3P
Wire-wound Chip Inductors (LB series)[LB]
LB2016T150K TAIYO-YUDEN-LB2016T150K_19 Datasheet
289Kb / 3P
Wire-wound Chip Inductors (LB series)[LB]
LB2016T220K TAIYO-YUDEN-LB2016T220K_19 Datasheet
288Kb / 3P
Wire-wound Chip Inductors (LB series)[LB]
LB2016T470K TAIYO-YUDEN-LB2016T470K_19 Datasheet
288Kb / 3P
Wire-wound Chip Inductors (LB series)[LB]
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com