công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADP3418 bảng dữ liệu(PDF) 12 Page - Analog Devices

tên linh kiện ADP3418
Giải thích chi tiết về linh kiện  Dual Bootstrapped 12 V MOSFET Driver with Output Disable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADP3418 bảng dữ liệu(HTML) 12 Page - Analog Devices

Back Button ADP3418 Datasheet HTML 8Page - Analog Devices ADP3418 Datasheet HTML 9Page - Analog Devices ADP3418 Datasheet HTML 10Page - Analog Devices ADP3418 Datasheet HTML 11Page - Analog Devices ADP3418 Datasheet HTML 12Page - Analog Devices ADP3418 Datasheet HTML 13Page - Analog Devices ADP3418 Datasheet HTML 14Page - Analog Devices ADP3418 Datasheet HTML 15Page - Analog Devices ADP3418 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADP3418
Rev. B | Page 12 of 16
PC BOARD LAYOUT CONSIDERATIONS
Use the following general guidelines when designing printed
circuit boards.
•
Trace out the high current paths and use short, wide
(>20 mil) traces to make these connections.
•
Connect the PGND pin of the ADP3418 as closely as
possible to the source of the lower MOSFET.
•
The VCC bypass capacitor should be located as close as
possible to the VCC and PGND pins.
•
Use vias to other layers when possible to maximize thermal
conduction away from the IC.
The circuit in Figure 15 shows how four drivers can be
combined with the ADP3188 to form a total power conversion
solution for generating VCC(CORE) for an Intel CPU that is VRD
10.x compliant.
Figure 14 shows an example of the typical land patterns based
on the guidelines given previously. For more detailed layout
guidelines for a complete CPU voltage regulator subsystem,
refer to the ADP3188 data sheet.
D1
CBST2
CBST1
RBST
CVCC
Figure 14. External Component Placement Example for the ADP3418 Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16