| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MAS6240D1TC05 bảng dữ liệu(PDF) 8 Page - Micro Analog systems |
|
|
|||||||||||||||||||||||||||||
MAS6240D1TC05 bảng dữ liệu(HTML) 8 Page - Micro Analog systems |
|
8 / 13 page ![]() DA6240C.007 17 October, 2016 8 (13) QFN 2x2x0.5 12ld PCB LAND PATTERN Notes I/O lands should be 0.2mm longer than QFN pads and extend the same 0.2mm outside package outline exposed pad land size should be the same as QFN exposed pad size solder resist opening should be 120 m…150m larger than the land size resulting in 60m…75m clearance between copper land and solder resist |